Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 17 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 13Page - Analog Devices LTM8071 Datasheet HTML 14Page - Analog Devices LTM8071 Datasheet HTML 15Page - Analog Devices LTM8071 Datasheet HTML 16Page - Analog Devices LTM8071 Datasheet HTML 17Page - Analog Devices LTM8071 Datasheet HTML 18Page - Analog Devices LTM8071 Datasheet HTML 19Page - Analog Devices LTM8071 Datasheet HTML 20Page - Analog Devices LTM8071 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LTM8060
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Load Sharing
The four LTM8060 channels may be paralleled to produce
higher currents. To do this on two or more LTM8060, tie
the VINn, VOUTn, FBn and SHAREn pins of all the paral-
leled channels/modules together. To ensure that paralleled
channels start up together, the TRSS
n pins may be tied
together, as well. If it is inconvenient to tie the TRSS
n
pins together, make sure that the same value soft-start
capacitors are used for each µModule regulator. When
load sharing among n units and using a single RFB resis-
tor, the value of the resistor is given by Equation 1.
RFB =
199.2
n(VOUT − 0.8)
,where RFB is in kΩ
(1)
Examples of load sharing applications are given in Figure 6
through Figure 9.
Burst Mode Operation
To enhance efficiency at light loads, the LTM8060
automatically switches to Burst Mode operation which
keeps the output capacitor charged to the proper volt-
age while minimizing the input quiescent current. During
Burst Mode operation, the LTM8060 delivers single cycle
bursts of current to the output capacitor followed by sleep
periods where most of the internal circuitry is powered off
and energy is delivered to the load by the output capacitor.
During the sleep time, VINn and BIASn quiescent currents
are greatly reduced, so, as the load current decreases
towards a no load condition, the percentage of time that
the LTM8060 operates in sleep mode increases and the
average input current is greatly reduced, resulting in
higher light load efficiency.
Burst Mode operation is enabled by tying SYNC to GND.
Minimum Input Voltage
The LTM8060 is a step-down converter, so a minimum
amount of headroom is required to keep the output in
regulation. Keep the input above 3V to ensure proper
operation. Voltage transients or ripple valleys that cause
the input to fall below 3V may turn off the LTM8060.
VIN1 must be above 3V for channel 1 and channel 2 to
operate. If VIN1 is above 3V, channel 2 will operate as long
as VIN2 is above 2V.
VIN34 must be above 3V for channel 3 and channel 4
to operate.
Output Voltage Tracking and Soft-Start
The LTM8060 allows the user to adjust its output voltage
ramp rate by means of the TRSS
n pin. An internal 2μA
pulls up the TRSS
n pin to about 2.4V. Putting an external
capacitor on TRSS
n enables soft starting the output to
reduce current surges on the input supply. During the
soft-start ramp the output voltage will proportionally track
the TRSS
n pin voltage. For output tracking applications,
TRSS
n can be externally driven by another voltage source.
From 0V to 0.8V, the TRSS
n voltage will override the
internal 0.8V reference input to the error amplifier, thus
regulating the FB
n pin voltage to that of the TRSSn pin.
When TRSS
n is above 0.8V, tracking is disabled and the
feedback voltage will regulate to the internal reference
voltage. The TRSS
n pin may be left floating if the function
is not needed.
An active pull-down circuit is connected to the TRSS
n
pin which will discharge the external soft-start capacitor
in the case of fault conditions and restart the ramp when
the faults are cleared. Fault conditions that clear the soft-
start capacitor are the RUN
n pin transitioning low, VINn
voltage falling too low, or thermal shutdown.
Pre-Biased Output
As discussed in the Output Voltage Tracking and Soft-Start
section, the LTM8060 regulates the output to the FB
n volt-
age determined by the TRSS
n pin whenever TRSSn is less
than 0.8V. If the LTM8060 output is higher than the target
output voltage, and SYNC
n is not held below 0.8V, the
LTM8060 will attempt to regulate the output to the target
voltage by returning a small amount of energy back to the
input supply. If there is nothing loading the input supply,
its voltage may rise. Take care that it does not rise so high
that the input voltage exceeds the absolute maximum rat-
ing of the LTM8060. If SYNC is grounded, the LTM8060
will not return current to the input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com