Electronic Components Datasheet Search
  English  ▼

X  

LTM8071 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM8071
Description  Quad 40VIN, Silent Switcher 關Module Regulator with Configurable 3A Output Array
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8071 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM8071 Datasheet HTML 4Page - Analog Devices LTM8071 Datasheet HTML 5Page - Analog Devices LTM8071 Datasheet HTML 6Page - Analog Devices LTM8071 Datasheet HTML 7Page - Analog Devices LTM8071 Datasheet HTML 8Page - Analog Devices LTM8071 Datasheet HTML 9Page - Analog Devices LTM8071 Datasheet HTML 10Page - Analog Devices LTM8071 Datasheet HTML 11Page - Analog Devices LTM8071 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTM8060
8
Rev. 0
For more information www.analog.com
TA = 25°C, operating per Table 1,unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
24VIN to 3.3VOUT, TJMAX = 120oC
Derating with Airflow
8060 G37
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
36VIN to 3.3VOUT, TJMAX = 120oC
Derating with Airflow
8060 G38
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
12VIN to 5VOUT, TJMAX = 120oC
Derating with Airflow
8060 G39
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
24VIN to 5VOUT, TJMAX = 120oC
Derating with Airflow
8060 G40
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (oC)
0
25
50
75
100
125
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
All Channels At Same Load
Forced Continuous Mode
BIAS = 5V, DC2820A Demo Bd
36VIN to 5VOUT, TJMAX = 120oC
Derating with Airflow
8060 G41
Noise Floor
Fixed Frequency
Spread Spectrum
Class B Peak Limit
FREQUENCY (MHz)
0
200
400
600
800
1000
–5
5
15
25
35
45
55
All Channels Paralleled, IOUT = 10A
VIN = 24V, VOUT = 5V, fSW = 1.2MHz
DC2820A Demo Board
CISPR22 Class B Emissions
8060 G42
Derating with Airflow
24VIN to 3.3VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
Derating with Airflow
36VIN to 3.3VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
Derating with Airflow
12VIN to 5VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
Derating with Airflow
24VIN to 5VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
Output Voltage Ripple
DC2820A Demo Board
VIN = 12V, VOUT = 3.3V
IOUT = 3A, fSW = 1MHz
Derating with Airflow
36VIN to 5VOUT, TJ = 120°C
BIAS = 5V, DC2820A Demo Board
Forced Continuous Mode
All Channels at Same Load
Output Noise Spectrum
DC2820A Demo Board
VIN = 24V, VOUT = 5V
IOUT = 3A, fSW = 1.2MHz
CISPR22 Class B Emissions
DC2820A Demo Board
VIN = 24V, VOUT = 5V, fSW = 1.2MHz
All Channels Paralleled, IOUT = 10A
CISPR25 Radiated Emission with Class 5
Peak Limit DC2820A Demo Board
VIN = 14V, VOUT = 5V, fSW = 1.2MHz
All Channels Paralleled, IOUT = 12A
500ns/DIV
5mV/DIV
AC-COUPLED
8060 G44
CLASS 5 PEAK LIMIT
Spread Spectrum
Fixed Frequency
FREQUENCY (MHz)
0
200
400
600
800
1000
0
10
20
30
40
50
All Channels Paralleled, IOUT = 12A
VIN = 14V, VOUT = 5V, fSW = 1.2MHz
DC2820A Demo Board
CISPR25 Radiated Emission with Class 5 Peak Limit
8060 G43
FREQUENCY (MHz)
0
200
400
600
800
1000
–60
–40
–20
0
20
40
60
8060 G45
NOISE FLOOR
NORMALIZED OUTPUT NOISE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com