Electronic Components Datasheet Search
  English  ▼

X  

TLV9152 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9152
Description  TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9152 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV9152 Datasheet HTML 6Page - Texas Instruments TLV9152 Datasheet HTML 7Page - Texas Instruments TLV9152 Datasheet HTML 8Page - Texas Instruments TLV9152 Datasheet HTML 9Page - Texas Instruments TLV9152 Datasheet HTML 10Page - Texas Instruments TLV9152 Datasheet HTML 11Page - Texas Instruments TLV9152 Datasheet HTML 12Page - Texas Instruments TLV9152 Datasheet HTML 13Page - Texas Instruments TLV9152 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
6.8 Typical Characteristics
at TA = 25°C, VS = ±8 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Offset Voltage (µV)
0
3
6
9
12
15
18
21
24
27
30
33
D001
Distribution from 15462 amplifiers, TA = 25°C
Figure 6-1. Offset Voltage Production Distribution
Offset Voltage Drift (µV/C)
0
10
20
30
40
50
D002
Distribution from 60 amplifiers
Figure 6-2. Offset Voltage Drift Distribution
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-900
-700
-500
-300
-100
100
300
500
700
900
D004
VCM = V+
Figure 6-3. Offset Voltage vs Temperature
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-400
-300
-200
-100
0
100
200
300
400
D003
VCM = V–
Figure 6-4. Offset Voltage vs Temperature
VCM
-8
-6
-4
-2
0
2
4
6
8
-800
-600
-400
-200
0
200
400
600
800
D005
TA = 25°C
Figure 6-5. Offset Voltage vs Common-Mode Voltage
VCM
4
4.5
5
5.5
6
6.5
7
7.5
8
-800
-600
-400
-200
0
200
400
600
800
D005
TA = 25°C
Figure 6-6. Offset Voltage vs Common-Mode Voltage (Transition
Region)
TLV9152-Q1, TLV9154-Q1
SBOSA23B – MAY 2020 – REVISED MARCH 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com