Electronic Components Datasheet Search
  English  ▼

X  

TLV9152 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9152
Description  TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9152 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV9152 Datasheet HTML 9Page - Texas Instruments TLV9152 Datasheet HTML 10Page - Texas Instruments TLV9152 Datasheet HTML 11Page - Texas Instruments TLV9152 Datasheet HTML 12Page - Texas Instruments TLV9152 Datasheet HTML 13Page - Texas Instruments TLV9152 Datasheet HTML 14Page - Texas Instruments TLV9152 Datasheet HTML 15Page - Texas Instruments TLV9152 Datasheet HTML 16Page - Texas Instruments TLV9152 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±8 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Time (1s/div)
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
C019
Figure 6-19. 0.1-Hz to 10-Hz Noise
Frequency (Hz)
1
10
100
200
1
10
100
1k
10k
100k
C017
Figure 6-20. Input Voltage Noise Spectral Density vs Frequency
Frequency (Hz)
-112
-104
-96
-88
-80
-72
-64
-56
-48
-40
-32
100
1k
10k
C012
RL = 10 k
RL = 2 k
RL = 604
RL = 128
BW = 80 kHz, VOUT = 1 VRMS
Figure 6-21. THD+N Ratio vs Frequency
Amplitude (Vrms)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
1m
10m
100m
1
10
C023
RL = 10 k
RL = 2 k
RL = 604
RL = 128
BW = 80 kHz, f = 1 kHz
Figure 6-22. THD+N vs Output Amplitude
Supply Voltage (V)
2
4
6
8
10
12
14
16
18
480
490
500
510
520
530
540
550
560
570
580
D021
VCM = V–
Figure 6-23. Quiescent Current vs Supply Voltage
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
450
475
500
525
550
575
600
625
650
675
700
D022
Figure 6-24. Quiescent Current vs Temperature
www.ti.com
TLV9152-Q1, TLV9154-Q1
SBOSA23B – MAY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com