Electronic Components Datasheet Search
  English  ▼

X  

TLV9152 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9152
Description  TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9152 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV9152 Datasheet HTML 8Page - Texas Instruments TLV9152 Datasheet HTML 9Page - Texas Instruments TLV9152 Datasheet HTML 10Page - Texas Instruments TLV9152 Datasheet HTML 11Page - Texas Instruments TLV9152 Datasheet HTML 12Page - Texas Instruments TLV9152 Datasheet HTML 13Page - Texas Instruments TLV9152 Datasheet HTML 14Page - Texas Instruments TLV9152 Datasheet HTML 15Page - Texas Instruments TLV9152 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = ±8 V, VCM = VS / 2, RLOAD = 10 kΩ connected to VS / 2, and CL = 10 pF (unless otherwise noted)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
-100
-75
-50
-25
0
25
50
75
100
125
150
D011
IB
IB+
IOS
Figure 6-13. Input Bias Current vs Temperature
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V+
V+
1 V
V+
2 V
V+
3 V
V+
4 V
V+
5 V
V+
6 V
V+
7 V
V+
8 V
V+
9 V
V+
10 V
D012
-40°C
25°C
125°C
Figure 6-14. Output Voltage Swing vs Output Current (Sourcing)
Output Current (mA)
0
10
20
30
40
50
60
70
80
90
100
V
V + 1 V
V + 2 V
V + 3 V
V + 4 V
V + 5 V
V + 6 V
V + 7 V
V + 8 V
D012
-40°C
25°C
125°C
Figure 6-15. Output Voltage Swing vs Output Current (Sinking)
Frequency (Hz)
0
15
30
45
60
75
90
105
120
135
100
1k
10k
100k
1M
10M
C003
CMRR
PSRR+
PSRR
Figure 6-16. CMRR and PSRR vs Frequency
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
85
90
95
100
105
110
115
120
125
130
135
D015
PMOS (VCM
V+
1.5 V)
NMOS (VCM
V+
1.5 V)
f = 0 Hz
Figure 6-17. CMRR vs Temperature (dB)
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
140
145
150
155
160
165
170
D016
f = 0 Hz
Figure 6-18. PSRR vs Temperature (dB)
TLV9152-Q1, TLV9154-Q1
SBOSA23B – MAY 2020 – REVISED MARCH 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com