Electronic Components Datasheet Search
  English  ▼

X  

TLV9152 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9152
Description  TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9152 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV9152 Datasheet HTML 17Page - Texas Instruments TLV9152 Datasheet HTML 18Page - Texas Instruments TLV9152 Datasheet HTML 19Page - Texas Instruments TLV9152 Datasheet HTML 20Page - Texas Instruments TLV9152 Datasheet HTML 21Page - Texas Instruments TLV9152 Datasheet HTML 22Page - Texas Instruments TLV9152 Datasheet HTML 23Page - Texas Instruments TLV9152 Datasheet HTML 24Page - Texas Instruments TLV9152 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
7.3.4 Common-Mode Voltage Range
The TLV915x-Q1 is a 16-V, rail-to-rail input operational amplifier with an input common-mode range that extends
200 mV beyond either supply rail. This wide range is achieved with paralleled complementary N-channel and
P-channel differential input pairs, as shown in Figure 7-6. The N-channel pair is active for input voltages close to
the positive rail, typically (V+) – 1 V to 100 mV above the positive supply. The P-channel pair is active for inputs
from 100 mV below the negative supply to approximately (V+) – 2 V. There is a small transition region, typically
(V+) – 2 V to (V+) – 1 V in which both input pairs are on. This transition region can vary modestly with process
variation, and within this region PSRR, CMRR, offset voltage, offset drift, noise, and THD performance may be
degraded compared to operation outside this region.
Figure 6-5 shows this transition region for a typical device in terms of input voltage offset in more detail.
For more information on common-mode voltage range and PMOS/NMOS pair interaction, see Op Amps With
Complementary-Pair Input Stages application note.
NMOS
PMOS
PMOS
NMOS
V-
V+
IN+
IN-
Figure 7-6. Rail-to-Rail Input Stage
7.3.5 Phase Reversal Protection
The TLV915x-Q1 family has internal phase-reversal protection. Many op amps exhibit a phase reversal when the
input is driven beyond its linear common-mode range. This condition is most often encountered in non-inverting
circuits when the input is driven beyond the specified common-mode voltage range, causing the output to
reverse into the opposite rail. The TLV915x-Q1 is a rail-to-rail input op amp; therefore, the common-mode range
can extend up to the rails. Input signals beyond the rails do not cause phase reversal; instead, the output limits
into the appropriate rail. This performance is shown in Figure 7-7. For more information on phase reversal, see
Op Amps With Complementary-Pair Input Stages application note.
www.ti.com
TLV9152-Q1, TLV9154-Q1
SBOSA23B – MAY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com