Electronic Components Datasheet Search
  English  ▼

X  

TLV9152 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9152
Description  TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9152 Datasheet(HTML) 3 Page - Texas Instruments

  TLV9152 Datasheet HTML 1Page - Texas Instruments TLV9152 Datasheet HTML 2Page - Texas Instruments TLV9152 Datasheet HTML 3Page - Texas Instruments TLV9152 Datasheet HTML 4Page - Texas Instruments TLV9152 Datasheet HTML 5Page - Texas Instruments TLV9152 Datasheet HTML 6Page - Texas Instruments TLV9152 Datasheet HTML 7Page - Texas Instruments TLV9152 Datasheet HTML 8Page - Texas Instruments TLV9152 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
5 Pin Configuration and Functions
1
OUT
2
V±
3
IN+
4
IN±
5
V+
Not to scale
A.
Package is preview only.
Figure 5-1. TLV9151-Q1 DBV Package(A)
5-Pin SOT-23
Top View
Table 5-1. Pin Functions: TLV9151-Q1
PIN
I/O
DESCRIPTION
NAME
NO.
IN+
3
I
Noninverting input
IN–
4
I
Inverting input
OUT
1
O
Output
V+
5
—
Positive (highest) power supply
V–
2
—
Negative (lowest) power supply
www.ti.com
TLV9152-Q1, TLV9154-Q1
SBOSA23B – MAY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com