Electronic Components Datasheet Search
  English  ▼

X  

TLV9152 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TLV9152
Description  TLV915x-Q1 4.5-MHz, Rail-to-Rail Input/Output, Low Offset Voltage, Low Noise Automotive Op Amp
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV9152 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TLV9152 Datasheet HTML 21Page - Texas Instruments TLV9152 Datasheet HTML 22Page - Texas Instruments TLV9152 Datasheet HTML 23Page - Texas Instruments TLV9152 Datasheet HTML 24Page - Texas Instruments TLV9152 Datasheet HTML 25Page - Texas Instruments TLV9152 Datasheet HTML 26Page - Texas Instruments TLV9152 Datasheet HTML 27Page - Texas Instruments TLV9152 Datasheet HTML 28Page - Texas Instruments TLV9152 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 45 page
background image
±500 µV, which means 0.0063% of the population is outside of these limits, which corresponds to about 1 in
15,873 units.
Specifications with a value in the minimum or maximum column are assured by TI, and units outside these limits
will be removed from production material. For example, the TLV915x-Q1 family has a maximum offset voltage
of 675 µV at 25°C, and even though this corresponds to about 5 σ (≈1 in 1.7 million units), which is extremely
unlikely, TI assures that any unit with larger offset than 895 µV will be removed from production material.
For specifications with no value in the minimum or maximum column, consider selecting a sigma value of
sufficient guardband for your application, and design worst-case conditions using this value. For example, the
6-σ value corresponds to about 1 in 500 million units, which is an extremely unlikely chance, and could be an
option as a wide guardband to design a system around. In this case, the TLV915x-Q1 family does not have
a maximum or minimum for offset voltage drift, but based on Figure 6-2 and the typical value of 0.3 µV/°C in
Section 6.7, it can be calculated that the 6-σ value for offset voltage drift is about 1.8 µV/°C. When designing for
worst-case system conditions, this value can be used to estimate the worst possible offset across temperature
without having an actual minimum or maximum value.
However, process variation and adjustments over time can shift typical means and standard deviations, and
unless there is a value in the minimum or maximum specification column, TI cannot assure the performance of a
device. This information should be used only to estimate the performance of a device.
7.3.9 Packages With an Exposed Thermal Pad
The TLV915x-Q1 family is available in packages such as the WSON-8 (DSG) and WQFN-16 (RTE) which
feature an exposed thermal pad. Inside the package, the die is attached to this thermal pad using an electrically
conductive compound. For this reason, when using a package with an exposed thermal pad, the thermal pad
must either be connected to V– or left floating. Attaching the thermal pad to a potential other than V– is not
allowed, and performance of the device is not assured when doing so.
www.ti.com
TLV9152-Q1, TLV9154-Q1
SBOSA23B – MAY 2020 – REVISED MARCH 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: TLV9152-Q1 TLV9154-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com