Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 27Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 28Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 29Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 30Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 31Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 32Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 33Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 34Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-25-
Register Summary Tables
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
Device 1 Bus 0 Registers - PCI-to-AGP Bridge
PCI Configuration Registers
Offset Configuration Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
8601
RO
5-4
Command
0007
RW
7-6
Status
0220
WC
8
Revision ID
nn
RO
9Program Interface
00
RO
A
Sub Class Code
04
RO
B
Base Class Code
06
RO
C
-reserved- (cache line size)
00
—
D
Latency Timer
00
RW
E
Header Type
01
RO
F
Built In Self Test (BIST)
00
RO
10-17 -reserved- (base address registers)
00
—
18
Primary Bus Number
00
RW
19
Secondary Bus Number
00
RW
1A
Subordinate Bus Number
00
RW
1B
-reserved- (secondary latency timer)
00
—
1C
I/O Base
F0
RW
1D
I/O Limit
00
RW
1F-1E Secondary Status
0000
RO
21-20 Memory Base
FFF0
RW
23-22 Memory Limit (Inclusive)
0000
RW
25-24 Prefetchable Memory Base
FFF0
RW
27-26 Prefetchable Memory Limit
0000
RW
28-3D -reserved- (unassigned)
00
—
3F-3E PCI-to-AGP Bridge Control
00
RW
Device-Specific Configuration Registers
Offset AGP Control
Default
Acc
40
CPU-to-AGP Flow Control 1
00
RW
41
CPU-to-AGP Flow Control 2
00
RW
42
AGP Master Control
00
RW
43-4F -reserved- (unassigned)
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com