Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 95 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 95 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 91Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 92Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 93Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 94Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 95Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 96Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 97Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 98Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 99Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-89
VGA Extended Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
GR28-27 – GPIO Control .................................................RW
15-8 GPIO Direction 7-0
0
Read .....................................................default
1
Write
7-0
GPIO Data 7-0.......................................... default = 0
GR2A – Suspend Pin Timer .............................................RW
7
Motion Video Port Suspend
0
Disable ...................................................default
1Enable
6-0
Reserved
........................................ always reads 0
GR2C – Miscellaneous Pin Control .................................RW
7
Reserved
........................................ always reads 0
6
Use PDINV pin as GPIO5
0
Disable ...................................................default
1Enable
5-4
Reserved
........................................ always reads 0
3
Use INT# pin as PSTATUS
0
Disable ...................................................default
1Enable
2
Tristate P35-0, DE, SFCLK, LP, FLM
0
Tristate ...................................................default
1Enable
1
Tristate ENPVEE, ENPVDD, ENPBLT
0
Tristate ...................................................default
1Enable
0
Reserved
........................................ always reads 0
GR2F – Miscellaneous Internal Control......................... RW
7
PCLK Control
0
VGA Compatible ................................... default
1
PCLK equals VCLK
6
Reserved
........................................ always reads 0
5
Hsync Skew Control
0
One skew in graphics, two skew in text . default
1No skew
4-3
Reserved
........................................ always reads 0
2
Double Logical Line Width
0
Disable................................................... default
1Enable
1
Text Mode Display FIFO Prefetch Cycles Select
0
Multiple of 8 .......................................... default
1
Multiple of 4
0
Enable Display FIFO Threshold Control
0
Disable................................................... default
1
Enable (can also be enabled by AR10[0])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com