Electronic Components Datasheet Search
  English  ▼

X  

VT8601 Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # VT8601
Description  Single-Chip Slot-1 / Socket-370 PCI North Bridge With Integrated AGP 2D / 3D Graphics Accelerator and Advanced Memory Controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VT8601 Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button VT8601 Datasheet HTML 50Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 51Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 52Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 53Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 54Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 55Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 56Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 57Page - List of Unclassifed Manufacturers VT8601 Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 144 page
background image
VT8601 Apollo ProMedia
Revision 1.3 September 8, 1999
-48-
Device 0 Bus 0 Host Bridge Registers
7HFKQRORJLHV ,QF
:H&
:H&RRQQHFW
QQHFW
GART / Graphics Aperture Control
The function of the Graphics Address Relocation Table
(GART) is to translate virtual 32-bit addresses issued by an
AGP device into 4K-page based physical addresses for system
memory access. In this translation, the upper 20 bits (A31-
A12) are remapped, while the lower 12 address bits (A11-A0)
are used unchanged.
A one-level fully associative lookup scheme is used to
implement the address translation. In this scheme, the upper
20 bits of the virtual address are used to point to an entry in a
page table located in system memory. Each page table entry
contains the upper 20 bits of a physical address (a "physical
page" address).
For simplicity, each page table entry is 4
bytes. The total size of the page table depends on the GART
range (called the "aperture size") which is programmable in
the VT8601.
This scheme is shown in the figure below.
31
12 11
0
Virtual Page Address
Page Offset
index
TLB Base
Page Table
31
12 11
0
Physical Page Address
Page Offset
Figure 4. Graphics Aperture Address Translation
Since address translation using the above scheme requires an
access to system memory, an on-chip cache (called a
"Translation Lookaside Buffer" or TLB) is utilized to enhance
performance. The TLB in the 82C501 contains 16 entries.
Address "misses" in the TLB require an access of system
memory to retrieve translation data. Entries in the TLB are
replaced using an LRU (Least Recently Used) algorithm.
Addresses are translated only for accesses within the
"Graphics Aperture" (GA). The Graphics Aperture can be any
power of two in size from 1MB to 256MB (i.e., 1MB, 2MB,
4MB, 8MB, etc). The base of the Graphics Aperture can be
anywhere in the system virtual address space on an address
boundary determined by the aperture size (e.g., if the aperture
size is 4MB, the base must be on a 4MB address boundary).
The Graphics Aperture Base is defined in register offset 10 of
device 0. The Graphics Aperture Size and TLB Table Base
are defined in the following register group (offsets 84 and 88
respectively) along with various control bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com