Electronic Components Datasheet Search
  English  ▼

X  

ASB75 Datasheet(PDF) 3 Page - XP Power Limited

Part # ASB75
Description  AC-DC PO WER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB75 Datasheet(HTML) 3 Page - XP Power Limited

  ASB75 Datasheet HTML 1Page - XP Power Limited ASB75 Datasheet HTML 2Page - XP Power Limited ASB75 Datasheet HTML 3Page - XP Power Limited ASB75 Datasheet HTML 4Page - XP Power Limited ASB75 Datasheet HTML 5Page - XP Power Limited ASB75 Datasheet HTML 6Page - XP Power Limited ASB75 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AC-DC POWER SUPPLIES
ASB75 Series
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+85
°C
Baseplate temperature, see derating curve
Storage Temperature
-40
+85
°C
Cooling
Conduction cooled via baseplate
Operating Humidity
5
90
%RH
Non-condensing
Operating Altitude
5000
m
Shock
IEC68-2-27, 30g, 11ms half sine, 3 times in each of 6 axes
Vibration
IEC68-2-6, 10-500Hz, 2g 10 mins/sweep, 60 mins for each of 3 axes
3
EMC: Emissions
Phenomenon
Standard
Test Level
Notes & Conditions
Emissions
EN55032
Level B
Conducted and radiated
Harmonic Current
EN61000-3-2
Class A
Voltage Flicker
EN61000-3-3
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3/2
A
±8kV air/±4kV contact
Radiated
EN61000-4-3
3V/m
A
EFT/Burst
EN61000-4-4
3
A
Surge
EN61000-4-5
Installation class 3
A
Conducted
EN61000-4-6
3V
A
Dips and Interruptions
EN61000-4-11
Dip 100% 10ms
A/B
High Line/Low Line
Dip 30% 500ms
A/B
High Line/Low Line
Int 100% 5000ms
B
Safety Approvals
Safety Agency
Safety Standard
Notes & Conditions
UL
UL62368-1
TUV
EN62368-1
CB
IEC62368-1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com