Electronic Components Datasheet Search
  English  ▼

X  

ASB75 Datasheet(PDF) 6 Page - XP Power Limited

Part # ASB75
Description  AC-DC PO WER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB75 Datasheet(HTML) 6 Page - XP Power Limited

  ASB75 Datasheet HTML 1Page - XP Power Limited ASB75 Datasheet HTML 2Page - XP Power Limited ASB75 Datasheet HTML 3Page - XP Power Limited ASB75 Datasheet HTML 4Page - XP Power Limited ASB75 Datasheet HTML 5Page - XP Power Limited ASB75 Datasheet HTML 6Page - XP Power Limited ASB75 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AC-DC POWER SUPPLIES
ASB75 Series
6
Trim Down (%)
12V
15V
24V
36V
48V
Rd (kΩ)
5
82
130
180
330
390
10
9.1
30
20
30
39
Applications Notes
Output Voltage Adjustment
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
115 VAC
230 VAC
The Trim input permits the user to adjust the output voltage up or down by 10%.
This is accomplished by connecting an external resistor between the Trim pin and either the +Vo pin or the -Vo pin.
Connecting an external resistor (Rd) between the Trim pin and the +Vo pin decreases the output voltage. The following table can be used to determine
the required external resistor value to obtain a percentage output voltage change of Δ%.
To Trim Down
Connecting an external resistor (Ru) between the Trim pin and the -Vo pin increases the output voltage. The following table can be used to determine
the required external resistor value to obtain a percentage output voltage change of Δ%.
To Trim Up
Trim Up (%)
12V
15V
24V
36V
48V
Ru (kΩ)
5
130
150
249
280
412
10
33
50
47
39
91
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
115 VAC
230 VAC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com