Electronic Components Datasheet Search
  English  ▼

X  

ASB75 Datasheet(PDF) 5 Page - XP Power Limited

Part # ASB75
Description  AC-DC PO WER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB75 Datasheet(HTML) 5 Page - XP Power Limited

  ASB75 Datasheet HTML 1Page - XP Power Limited ASB75 Datasheet HTML 2Page - XP Power Limited ASB75 Datasheet HTML 3Page - XP Power Limited ASB75 Datasheet HTML 4Page - XP Power Limited ASB75 Datasheet HTML 5Page - XP Power Limited ASB75 Datasheet HTML 6Page - XP Power Limited ASB75 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AC-DC POWER SUPPLIES
ASB75 Series
5
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
115 VAC
230 VAC
+Vo
Trim down
Trim up
Trim
-Vo
+Vo
Trim
-Vo
Rd
Ru
Load
Load
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
115 VAC
230 VAC
115 VAC
230 VAC
Efficiency Curves
ASB75US12
ASB75US24
Applications Notes
115 VAC
230 VAC
115 VAC
230 VAC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com