Electronic Components Datasheet Search
  English  ▼

X  

ASB75 Datasheet(PDF) 4 Page - XP Power Limited

Part # ASB75
Description  AC-DC PO WER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB75 Datasheet(HTML) 4 Page - XP Power Limited

  ASB75 Datasheet HTML 1Page - XP Power Limited ASB75 Datasheet HTML 2Page - XP Power Limited ASB75 Datasheet HTML 3Page - XP Power Limited ASB75 Datasheet HTML 4Page - XP Power Limited ASB75 Datasheet HTML 5Page - XP Power Limited ASB75 Datasheet HTML 6Page - XP Power Limited ASB75 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AC-DC POWER SUPPLIES
ASB75 Series
4
100
50
0
-40-30 -20-10
01020
Ambient Temperature (°C)
30
40
50
60
70
80
90
With -HK heatsink opon
400
200
100
50
25
0
85
75
65
55
45
35
Baseplate Temperature (°C)
Life me
100
50
0
-40-30 -20-10
01020
Baseplate Temperature (°C)
30
40
50
60
70
80
90
When fi‚ed to a heatsink with thermal resistance of 2.91°C/W in natural convecon)
When ASB75 is fitted with -HK heatsink option and mounted in horizontal position with heatsink upper most, the baseplate temperature will typically be 85°C in an ambient of
50°C.
Notes:
Applications Notes
Derating Curves
100
50
0
-40-30 -20-10
01020
Ambient Temperature (°C)
30
40
50
60
70
80
90
With -HK heatsink opon
400
200
100
50
25
0
85
75
65
55
45
35
Baseplate Temperature (°C)
Life me
100
50
0
-40-30 -20-10
01020
Baseplate Temperature (°C)
30
40
50
60
70
80
90
When fi‚ed to a heatsink with thermal resistance of 2.91°C/W in natural convecon)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com