Electronic Components Datasheet Search
  English  ▼

X  

ASB75 Datasheet(PDF) 2 Page - XP Power Limited

Part # ASB75
Description  AC-DC PO WER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB75 Datasheet(HTML) 2 Page - XP Power Limited

  ASB75 Datasheet HTML 1Page - XP Power Limited ASB75 Datasheet HTML 2Page - XP Power Limited ASB75 Datasheet HTML 3Page - XP Power Limited ASB75 Datasheet HTML 4Page - XP Power Limited ASB75 Datasheet HTML 5Page - XP Power Limited ASB75 Datasheet HTML 6Page - XP Power Limited ASB75 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AC-DC POWER SUPPLIES
ASB75 Series
Input
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage
90
264
VAC
Derate linearly from 75W load at 100VAC to 70W load at 90VAC
Input Frequency
47
63
Hz
Input Current
1.27/0.8
A
Measured at 115/230VAC
Inrush Current
100
A
230VAC, cold start at 25°C
Earth Leakage Current
500
μA
264VAC, 60Hz
No Load Input Power
0.15
W
Input Protection
Internal T2.0A/250VAC fitted in line
Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
1
%
At 60% load
Output Voltage Trim
90
110
%
Of nominal output voltage. See application note
Minimum Load
No minimum load required
Start Up Delay
1.3
s
Start Up Rise Time
40
ms
Hold Up Time
6
ms
Full load and 115VAC
Line Regulation
±0.5
%
Load Regulation
±0.5
%
Transient Response
2
%
Maximum deviation, recovering to less than 1% within 300μs for
25% step load
Ripple and Noise
1
% pk-pk
20MHz bandwidth, measured with 20MHz Bandwidth and 10μF
electrolytic in parallel with 0.1μF ceramic capacitor
Overload Protection
110
140
%
Overvoltage Protection
110
140
%
Auto recovery
Short Circuit Protection
Trip and restart (hiccup), auto resetting
Thermal Protection
Measured internally, auto resetting
Temperature Coefficient
0.02
%/°C
2
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
90
%
See Models and Ratings table
Isolation: Input to Output
Input to Ground
Output to Ground
3000
VAC
1500
VAC
500
VDC
Switching Frequency
65
kHz
Power Density
20
W/in3
Mean Time Between Failure
160
khrs
MIL-HDBK-217F at 25°C GB
Weight
0.26 (125)
lb (g)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com