Electronic Components Datasheet Search
  English  ▼

X  

ASB75 Datasheet(PDF) 7 Page - XP Power Limited

Part # ASB75
Description  AC-DC PO WER SUPPLIES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ASB75 Datasheet(HTML) 7 Page - XP Power Limited

  ASB75 Datasheet HTML 1Page - XP Power Limited ASB75 Datasheet HTML 2Page - XP Power Limited ASB75 Datasheet HTML 3Page - XP Power Limited ASB75 Datasheet HTML 4Page - XP Power Limited ASB75 Datasheet HTML 5Page - XP Power Limited ASB75 Datasheet HTML 6Page - XP Power Limited ASB75 Datasheet HTML 7Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Mechanical Details
AC-DC POWER SUPPLIES
ASB75 Series
7
13 Apr 2021
1. All dimensions shown in inches (mm)
2. Weight 0.26lb (125g) without heat-sink, 0.57lb (260g) with heat-sink fitted
3. Pin diameter: 0.04 ±0.002 (1.0 ±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
6. Baseplate is connected to FG
Notes:
0.325
(8.26)
0.233
(5.92)
0.233
(5.92)
0.20
(5.1)
0.19
(4.8)
2 x M3 x 0.5
threaded
0.26
(6.6)
2.00
(50.8)
2.40
(61.0)
5 ø 0.04 (1.0)
0.72
(18.4)
-Vout
AC/L
AC/N
Trim
+Vout
1.90 (48.3)
1.96 (49.8)
2.28 (57.9)
0.13
(3.3)
0.67
(17.0)
Tolerance
Inches:x.xx = ± 0.02 , x.xxx=± 0.010
All Dimensions In Inches[mm]
Millimeters:x.x = ± 0.5, x.xx±0.25
2-M3*0.5 Through
58.0
2.28
4.9
0.19
1.90 48.3
Optional version with heat-sink fitted.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com