Electronic Components Datasheet Search
  English  ▼

X  

ADGS1408 Datasheet(PDF) 30 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADGS1408 Datasheet HTML 26Page - Analog Devices ADGS1408 Datasheet HTML 27Page - Analog Devices ADGS1408 Datasheet HTML 28Page - Analog Devices ADGS1408 Datasheet HTML 29Page - Analog Devices ADGS1408 Datasheet HTML 30Page - Analog Devices ADGS1408 Datasheet HTML 31Page - Analog Devices ADGS1408 Datasheet HTML 32Page - Analog Devices ADGS1408 Datasheet HTML 33Page - Analog Devices ADGS1408 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 30 of 34
REGISTER DETAILS
SWITCH DATA REGISTER
Address: 0x01, Reset: 0x00, Name: SW_DATA
The switch data register controls the status of the eight switches of the ADGS1408/ADGS1409, as well as the general-purpose digital
outputs. Use the ADGS1408/ADGS1409 truth tables in conjunction with the bit descriptions.
Table 14. Bit Descriptions for SW_DATA, ADGS1408
Bit(s)
Bit Name
Settings
Description
Default
Access
7
GPO4
Enable bit for GPO4.
0x0
R/W
6
GPO3
Enable bit for GPO3.
0x0
R/W
5
GPO2
Enable bit for GPO2.
0x0
R/W
4
GPO1
Enable bit for GPO1.
0x0
R/W
3
A2
Enable bit for A2.
0x0
R/W
2
A1
Enable bit for A1.
0x0
R/W
1
A0
Enable bit for A0.
0x0
R/W
0
EN
Enable bit for ADGS1408.
0x0
R/W
0
ADGS1408 disabled.
1
ADGS1408 enabled.
Table 15. Bit Descriptions for SW_DATA, ADGS1409
Bit(s)
Bit Name
Settings
Description
Default
Access
7
GPO5
Enable bit for GPO5.
0x0
R/W
6
GPO4
Enable bit for GPO4.
0x0
R/W
5
GPO3
Enable bit for GPO3.
0x0
R/W
4
GPO2
Enable bit for GPO2.
0x0
R/W
3
GPO1
Enable bit for GPO1.
0x0
R/W
2
A1
Enable bit for A1.
0x0
R/W
1
A0
Enable bit for A0.
0x0
R/W
0
EN
Enable bit for ADGS1409.
0x0
R/W
0
ADGS1409 disabled.
1
ADGS1409 enabled.
Table 16. ADGS1408 Truth Table1
A2
A1
A0
EN
On Switch
X
X
X
0
None
0
0
0
1
S1
0
0
1
1
S2
0
1
0
1
S3
0
1
1
1
S4
1
0
0
1
S5
1
0
1
1
S6
1
1
0
1
S7
1
1
1
1
S8
1 X means don’t care.
Table 17. ADGS1409 Truth Table1
A1
A0
EN
On Switch Pair
X
X
0
None
0
0
1
S1
0
1
1
S2
1
0
1
S3
1
1
1
S4
1 X means don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com