Electronic Components Datasheet Search
  English  ▼

X  

ADGS1408 Datasheet(PDF) 5 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 5 Page - Analog Devices

  ADGS1408 Datasheet HTML 1Page - Analog Devices ADGS1408 Datasheet HTML 2Page - Analog Devices ADGS1408 Datasheet HTML 3Page - Analog Devices ADGS1408 Datasheet HTML 4Page - Analog Devices ADGS1408 Datasheet HTML 5Page - Analog Devices ADGS1408 Datasheet HTML 6Page - Analog Devices ADGS1408 Datasheet HTML 7Page - Analog Devices ADGS1408 Datasheet HTML 8Page - Analog Devices ADGS1408 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 5 of 34
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ISS
0.002
μA typ
Digital inputs = 0 V or VL
1
μA max
VDD/VSS
±4.5
V min
GND = 0 V
±16.5
V max
GND = 0 V
1 Guaranteed by design; not subject to production test.
±5 V DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, VL = 2.7 V to 5.5 V, and GND = 0 V, unless otherwise noted.
Table 2.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VDD to VSS
V
On Resistance, RON
7.4
Ω typ
VS = ±4.5 V, IS = −10 mA, see
Figure 32
9
10.5
12
Ω max
VDD = +4.5 V, VSS = −4.5 V
On-Resistance Match Between
Channels, ∆RON
0.3
Ω typ
VS = ±4.5 V, IS = −10 mA
0.78
0.91
1.1
Ω max
On-Resistance Flatness, RFLAT (ON)
1.5
Ω typ
VS = ±4.5 V, IS = −10 mA
2.5
2.5
2.8
Ω max
LEAKAGE CURRENTS
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off )
±0.02
nA typ
VS = ±4.5 V, VD = 4.5 V, Figure 35
±0.2
±0.6
±5.0
nA max
Drain Off Leakage, ID (Off )
±0.02
nA typ
VS = ±4.5 V, VD = 4.5 V, see
Figure 35
±0.45
±0.8
±20.0
nA max
Channel On Leakage, ID (On), IS (On)
±0.04
nA typ
VS = VD = ±4.5 V, see Figure 31
±0.3
±1.1
±22.0
nA max
DIGITAL OUTPUTS
SDO
Output Voltage
Low, VOL
0.4
V max
ISINK = 5 mA
0.2
V max
ISINK = 1 mA
High Impedance Leakage Current
0.001
μA typ
VOUT = VGND or VL
±0.1
μA max
High Impedance Output
Capacitance
4
pF typ
GPOx
Output Voltage
High, VOH
VL − 0.2 V
V min
ISOURCE = 100 μA
Low, VOL
0.2
V max
ISINK = 100 μA
Timing
tON (GPO)
95
ns typ
CL = 15 pF, see Figure 43
115
115
115
ns max
tOFF (GPO)
15
ns typ
CL = 15 pF, see Figure 43
20
25
25
ns max
Break-Before-Make Time Delay, tD
50
ns typ
CL = 15 pF, see Figure 44
35
ns min



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com