Electronic Components Datasheet Search
  English  ▼

X  

ADGS1408 Datasheet(PDF) 34 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADGS1408 Datasheet HTML 26Page - Analog Devices ADGS1408 Datasheet HTML 27Page - Analog Devices ADGS1408 Datasheet HTML 28Page - Analog Devices ADGS1408 Datasheet HTML 29Page - Analog Devices ADGS1408 Datasheet HTML 30Page - Analog Devices ADGS1408 Datasheet HTML 31Page - Analog Devices ADGS1408 Datasheet HTML 32Page - Analog Devices ADGS1408 Datasheet HTML 33Page - Analog Devices ADGS1408 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 34 of 34
OUTLINE DIMENSIONS
0.50
BSC
0.50
0.40
0.30
COMPLIANT
TO JEDEC STANDARDS MO-220-VGGD-8.
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
1.00
0.95
0.90
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
0.30
0.25
0.18
0.20 MIN
2.70
2.60 SQ
2.50
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDIC ATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 55. 24-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body and 0.95 mm Package Height
(CP-24-17)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADGS1408BCPZ
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-17
ADGS1408BCPZ-RL7
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-17
ADGS1409BCPZ
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-17
ADGS1409BCPZ-RL7
−40°C to +125°C
24-Lead Lead Frame Chip Scale Package [LFCSP]
CP-24-17
EVAL-ADGS1408SDZ
ADGS1408 Evaluation Board
EVAL-ADGS1409SDZ
ADGS1409 Evaluation Board
1 Z = RoHS Compliant Part.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16791-0-6/18(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com