Electronic Components Datasheet Search
  English  ▼

X  

ADGS1408 Datasheet(PDF) 31 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADGS1408 Datasheet HTML 26Page - Analog Devices ADGS1408 Datasheet HTML 27Page - Analog Devices ADGS1408 Datasheet HTML 28Page - Analog Devices ADGS1408 Datasheet HTML 29Page - Analog Devices ADGS1408 Datasheet HTML 30Page - Analog Devices ADGS1408 Datasheet HTML 31Page - Analog Devices ADGS1408 Datasheet HTML 32Page - Analog Devices ADGS1408 Datasheet HTML 33Page - Analog Devices ADGS1408 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 31 of 34
ERROR CONFIGURATION REGISTER
Address: 0x02, Reset: 0x06, Name: ERR_CONFIG
The error configuration register allows the user to enable and disable the relevant error features as required.
Table 18. Bit Descriptions for ERR_CONFIG
Bit(s)
Bit Name
Settings
Description
Default
Access
[7:3]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
2
RW_ERR_EN
Enable bit for detecting an invalid read/write address.
0x1
R/W
0
Disabled.
1
Enabled.
1
SCLK_ERR_EN
Enable bit for detecting the correct number of SCLK cycles in an SPI frame.
16 SCLK cycles are expected when CRC is disabled and burst mode is disabled.
24 SCLK cycles are expected when CRC is enabled and burst mode is disabled.
A multiple of 16 SCLK cycles is expected when CRC is disabled and burst
mode is enabled. A multiple of 24 SCLK cycles is expected when CRC is
enabled and burst mode is enabled.
0x1
R/W
0
Disabled.
1
Enabled.
0
CRC_ERR_EN
Enable bit for CRC error detection. SPI frames are 24 bits wide when
enabled.
0x0
R/W
0
Disabled.
1
Enabled.
ERROR FLAGS REGISTER
Address: 0x03, Reset: 0x00, Name: ERR_FLAGS
The error flags register allows the user to determine if an error occurred. To clear the error flags register, write the special 16-bit SPI
command, 0x6CA9, to the device. This SPI command does not trigger the invalid R/W address error. When CRC is enabled, the user
must include the correct CRC byte during the SPI write for the clear error flags register command to succeed.
Table 19. Bit Descriptions for ERR_FLAGS
Bit(s)
Bit Name
Settings
Description
Default
Access
[7:3]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
2
RW_ERR_FLAG
Error flag for invalid read/write address. The error flag asserts during an
SPI read if the target address does not exist. The error flag also asserts
when the target address of an SPI write does not exist or is read only.
0x0
R
0
No error.
1
Error.
1
SCLK_ERR_FLAG
Error flag for the detection of the correct number of SCLK cycles in an SPI
frame.
0x0
R
0
No error.
1
Error.
0
CRC_ERR_FLAG
Error flag that determines if a CRC error occurred during a register write.
0x0
R
0
No error.
1
Error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com