Electronic Components Datasheet Search
  English  ▼

X  

ADGS1408 Datasheet(PDF) 25 Page - Analog Devices

Part # ADGS1408
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1408 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADGS1408 Datasheet HTML 21Page - Analog Devices ADGS1408 Datasheet HTML 22Page - Analog Devices ADGS1408 Datasheet HTML 23Page - Analog Devices ADGS1408 Datasheet HTML 24Page - Analog Devices ADGS1408 Datasheet HTML 25Page - Analog Devices ADGS1408 Datasheet HTML 26Page - Analog Devices ADGS1408 Datasheet HTML 27Page - Analog Devices ADGS1408 Datasheet HTML 28Page - Analog Devices ADGS1408 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 25 of 34
The ADGS1408/ADGS1409 can only enter daisy-chain mode
when in address mode by sending the 16-bit SPI command,
0x2500 (see Figure 49). When the ADGS1408/ADGS1409
receive this command, the SDO of the device sends out the
same command because the alignment bits at SDO are 0x25,
which allows multiple daisy-connected devices to enter daisy-
chain mode in a single SPI frame. A hardware reset is required to
exit daisy-chain mode.
For the timing diagram of a typical daisy-chain SPI frame, see
Figure 50. When CS goes high, Device 1 writes Command 0,
Bits[7:0] to its switch data register, Device 2 writes Command 1,
Bits[7:0] to its switches, and so on. The SPI block uses the last
eight bits it received through SDI to update the switches. After
entering daisy-chain mode, the first eight bits sent out by SDO
on each device in the chain are 0x00. When CS goes high, the
internal shift register value does not reset back to zero.
An SCLK rising edge reads in data on SDI while data is
propagated out of SDO on an SCLK falling edge. The expected
number of SCLK cycles must be a multiple of eight before CS
goes high. When the expected number of SCLK cycles is not a
multiple of eight, the SPI interface sends the last eight bits
received to the switch data register.
POWER-ON RESET
The digital section of the ADGS1408/ADGS1409 goes through an
initialization phase during VL power-up. This initialization also
occurs after a hardware or software reset. After VL power-up or
a reset, ensure a minimum of 120 μs from the time of power-up or
reset before any SPI command is issued. Ensure that VL does
not drop out during the 120 μs initialization phase because it
may result in incorrect operation of the ADGS1408/ADGS1409.
0
0
1
0
0
1
0
1
0
0
0
0
0
0
0
0
SDO
0
0
1
0
0
1
0
1
0
0
0
0
0
0
0
0
12
3
4
56
7
89
10
11
12
13
14
15
16
SDI
SCLK
CS
Figure 49. SPI Command to Enter Daisy-Chain Mode
SDO
COMMAND3[7:0]
8’h00
COMMAND2[7:0]
COMMAND3[7:0]
COMMAND1[7:0]
COMMAND2[7:0]
COMMAND0[7:0]
COMMAND1[7:0]
SDI
SDO3
8’h00
8’h00
8’h00
8’h00
COMMAND3[7:0]
8’h00
COMMAND2[7:0]
COMMAND3[7:0]
SDO2
DEVICE 2
DEVICE 1
DEVICE 4
DEVICE 3
CS
NOTES
1. SDO2 AND SDO3 ARE THE OUTPUT COMMANDS FROM DEVICE 2 AND DEVICE 3, RESPECTIVELY.
Figure 50. Example of an SPI Frame Where Four ADGS1408/ADGS1409 Devices Connect in Daisy-Chain Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com