Electronic Components Datasheet Search
  English  ▼

X  

ADGS1409 Datasheet(PDF) 6 Page - Analog Devices

Part # ADGS1409
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADGS1409 Datasheet HTML 2Page - Analog Devices ADGS1409 Datasheet HTML 3Page - Analog Devices ADGS1409 Datasheet HTML 4Page - Analog Devices ADGS1409 Datasheet HTML 5Page - Analog Devices ADGS1409 Datasheet HTML 6Page - Analog Devices ADGS1409 Datasheet HTML 7Page - Analog Devices ADGS1409 Datasheet HTML 8Page - Analog Devices ADGS1409 Datasheet HTML 9Page - Analog Devices ADGS1409 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 6 of 34
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
DIGITAL INPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V
Input Current, IINL or IINH
0.001
μA typ
VIN = VGND or VL
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
320
ns typ
RL = 100 Ω, CL = 35 pF
440
515
570
ns max
VS = 3 V, see Figure 40
tON (EN)
265
ns typ
RL = 100 Ω, CL = 35 pF
365
425
470
ns max
VS = 3 V, see Figure 41
tOFF (EN)
245
ns typ
RL = 100 Ω, CL = 35 pF
330
370
400
ns max
VS = 3 V, see Figure 41
Break-Before-Make Time Delay, tD
95
ns typ
RL = 100 Ω, CL = 35 pF
55
ns min
VS1 = VS2 = 3 V, see Figure 39
Charge Injection, QINJ
–10
pC typ
VS = 0 V, RS = 0 Ω, CL = 1 nF,
see Figure 42
Off Isolation
–64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 34
Channel to Channel Crosstalk
–70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 33
Total Harmonic Distortion + Noise
0.06
% typ
RL = 110 Ω, 5 V p-p, f = 20 Hz to
20 kHz, see Figure 36
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see Figure 37
ADGS1408
40
MHz typ
ADGS1409
80
MHz typ
Insertion Loss
0.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 26 and Figure 27
CS (Off )
20
pF typ
VS = 0 V, f = 1 MHz
CD (Off )
VS = 0 V, f = 1 MHz
ADGS1408
130
pF typ
ADGS1409
65
pF typ
CD (On), CS (On)
VS = 0 V, f = 1 MHz
ADGS1408
180
pF typ
ADGS1409
120
pF typ
POWER REQUIREMENTS
VDD = +5.5 V, VSS = −5.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VL, VL =
5.5 V
1
μA max
14
μA typ
S8/S4A closed, VL = 2.7 V
20
μA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com