Electronic Components Datasheet Search
  English  ▼

X  

ADGS1409 Datasheet(PDF) 8 Page - Analog Devices

Part # ADGS1409
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADGS1409 Datasheet HTML 4Page - Analog Devices ADGS1409 Datasheet HTML 5Page - Analog Devices ADGS1409 Datasheet HTML 6Page - Analog Devices ADGS1409 Datasheet HTML 7Page - Analog Devices ADGS1409 Datasheet HTML 8Page - Analog Devices ADGS1409 Datasheet HTML 9Page - Analog Devices ADGS1409 Datasheet HTML 10Page - Analog Devices ADGS1409 Datasheet HTML 11Page - Analog Devices ADGS1409 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 8 of 34
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
DIGITAL OUTPUTS
SDO
Output Voltage
Low, VOL
0.4
V max
ISINK = 5 mA
0.2
V max
ISINK = 1 mA
High Impedance Leakage Current
0.001
μA typ
VOUT = VGND or VL
±0.1
μA max
High Impedance Output
Capacitance
4
pF typ
GPOx
Output Voltage
High, VOH
VL − 0.2 V
V min
ISOURCE = 100 μA
Low, VOL
0.2
V max
ISINK = 100 μA
Timing
tON (GPO)
95
ns typ
CL = 15 pF, see Figure 43
115
115
115
ns max
tOFF (GPO)
15
ns typ
CL = 15 pF, see Figure 43
20
25
25
ns max
Break-Before-Make Time Delay, tD
50
ns typ
CL = 15 pF, see Figure 44
35
ns min
DIGITAL INPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V
Input Current, IINL or IINH
0.001
μA typ
VIN = VGND or VL
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
Transition Time, tTRANSITION
210
ns typ
RL = 100 Ω, CL = 35 pF
280
340
385
ns max
VS = 8 V, see Figure 40
tON (EN)
195
ns typ
RL = 100 Ω, CL = 35 pF
250
295
325
ns max
VS = 8 V, see Figure 41
tOFF (EN)
145
ns typ
RL = 100 Ω, CL = 35 pF
185
215
240
ns max
VS = 8 V, see Figure 41
Break-Before-Make Time Delay, tD
90
ns typ
RL = 100 Ω, CL = 35 pF
50
ns min
VS1 = VS2 = 8 V, see Figure 39
Charge Injection, QINJ
−12
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF,
see Figure 42
Off Isolation
−64
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 34
Channel to Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 33
−3 dB Bandwidth
RL = 50 Ω, CL = 5 pF, see
Figure 37
ADGS1408
36
MHz typ
ADGS1409
72
MHz typ
Insertion Loss
0.5
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz,
see Figure 26 and Figure 27
CS (Off )
20
pF typ
VS = 6 V, f = 1 MHz
CD (Off )
VS = 6 V, f = 1 MHz
ADGS1408
120
pF typ
ADGS1409
60
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com