Electronic Components Datasheet Search
  English  ▼

X  

ADGS1409 Datasheet(PDF) 23 Page - Analog Devices

Part # ADGS1409
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADGS1409 Datasheet HTML 19Page - Analog Devices ADGS1409 Datasheet HTML 20Page - Analog Devices ADGS1409 Datasheet HTML 21Page - Analog Devices ADGS1409 Datasheet HTML 22Page - Analog Devices ADGS1409 Datasheet HTML 23Page - Analog Devices ADGS1409 Datasheet HTML 24Page - Analog Devices ADGS1409 Datasheet HTML 25Page - Analog Devices ADGS1409 Datasheet HTML 26Page - Analog Devices ADGS1409 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 23 of 34
THEORY OF OPERATION
The ADGS1408/ADGS1409 are a set of serially controlled analog
multiplexers comprising eight single channels and four differential
channels, respectively, with error detection features. SPI Mode 0
and SPI Mode 3 can be used with the devices. The devices operate
with SCLK frequencies up to 50 MHz. The default mode for the
ADGS1408/ADGS1409 is address mode, in which the registers of
the device are accessed by a 16-bit SPI command bounded by
CS. The SPI command becomes 24-bit if the user enables CRC
error detection. Other error detection features include SCLK count
error and invalid read/write error. If any of these SPI interface
errors occur, they are detectable by reading the error flags
register. The ADGS1408/ADGS1409 can also operate in two
other modes, namely burst mode and daisy-chain mode.
The interface pins of the ADGS1408/ADGS1409 are CS, SCLK,
SDI, and SDO. Hold CS low when using the SPI interface. Data is
captured on SDI on the rising edge of SCLK, and data is propagated
out on SDO on the falling edge of SCLK. SDO has an open-drain
output. Connect a pull-up to this output. When not pulled low by
the ADGS1408/ADGS1409, SDO is in a high impedance state.
ADDRESS MODE
Address mode is the default mode for the ADGS1408/ADGS1409
on power-up. A single SPI frame in address mode is bounded by
a CS falling edge and the succeeding CS rising edge. An SPI frame
is comprised of 16 SCLK cycles. The timing diagram for address
mode is shown in Figure 45. The first SDI bit indicates if the SPI
command is a read or write command. When the first bit is set
to 0, a write command is issued, and if the first bit is set to 1, a
read command is issued. The next seven bits determine the target
register address. The remaining eight bits provide the data to the
addressed register. The last eight bits are ignored during a read
command, because during these clock cycles, SDO propagates out
the data contained in the addressed register.
The target register address of an SPI command is determined on
the eighth SCLK rising edge. Data from this register propagates out
on SDO from the 9th to the 16th SCLK falling edge during SPI
reads. A register write occurs on the 16th SCLK rising edge
during SPI writes.
During any SPI command, SDO sends out eight alignment bits
on the first eight SCLK falling edges. The alignment bits observed
at SDO are 0x25.
ERROR DETECTION FEATURES
Protocol and communication errors on the SPI interface are
detectable. There are three detectable errors: incorrect SCLK error
detection, invalid read and write address error detection, and
CRC error detection. Each error has a corresponding enable bit
in the error configuration register. In addition, there is an error
flag bit for each error in the error flags register.
CRC Error Detection
The CRC error detection feature extends a valid SPI frame by
eight SCLK cycles. These eight extra cycles are needed to send the
CRC byte for that SPI frame. The CRC byte is calculated by the SPI
block using the 16-bit payload: the R/W bit, Register Address
Bits[6:0], and Register Data Bits[7:0]. The CRC polynomial
used in the SPI block is x8 + x2 + x1 + 1 with a seed value of 0.
For a timing diagram with CRC enabled, see Figure 46. Register
writes occur at the 24th SCLK rising edge with CRC error
checking enabled.
During an SPI write, the microcontroller/CPU provides the
CRC byte through SDI. The SPI block checks the CRC byte just
before the 24th SCLK rising edge. On this same edge, the register
write is prevented if an incorrect CRC byte is received by the SPI
interface. In the case of the incorrect CRC byte being detected, the
CRC error flag is asserted in the error flags register.
During an SPI read, the CRC byte is provided to the micro-
controller through SDO.
The CRC error detection feature is disabled by default and can
be configured by the user through the error configuration register.
0
0
1
0
0
1
0
1
D7
D6
D5
D4
D3
D2
D1
D0
SDO
R/W
A6
A5
A4
A3
A2
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
1
2
3
4
5
6
7
8
9
101112
131415
16
SDI
SCLK
CS
Figure 45. Address Mode Timing Diagram
0
0
1
D7
D6
D0
C7
C6
C5
C4
C3
C2
C1
C0
SDO
R/W
A6
A0
D7
D6
D0
C7
C6
C5
C4
C3
C2
C1
C0
1
2
8
9
10
16
17
18
19
20
21
22
23
24
SDI
SCLK
CS
Figure 46. Timing Diagram with CRC Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com