Electronic Components Datasheet Search
  English  ▼

X  

ADGS1409 Datasheet(PDF) 19 Page - Analog Devices

Part # ADGS1409
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADGS1409 Datasheet HTML 15Page - Analog Devices ADGS1409 Datasheet HTML 16Page - Analog Devices ADGS1409 Datasheet HTML 17Page - Analog Devices ADGS1409 Datasheet HTML 18Page - Analog Devices ADGS1409 Datasheet HTML 19Page - Analog Devices ADGS1409 Datasheet HTML 20Page - Analog Devices ADGS1409 Datasheet HTML 21Page - Analog Devices ADGS1409 Datasheet HTML 22Page - Analog Devices ADGS1409 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 19 of 34
TEST CIRCUITS
VD
Sx
Dx
VS
D (ON)
Figure 31. On Leakage
Sx
Dx
S
V1
IDS
RON = V1/IDS
Figure 32. On Resistance
CHANNEL TO CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
D
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 33. Channel to Channel Crosstalk
OFF ISOLATION = 20 log
VOUT
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 34. Off Isolation
Sx
Dx
VS
A
A
VD
IS (OFF)
ID (OFF)
Figure 35. Off Leakage
GND
Sx
Dx
VOUT
AUDIO PRECISION
RL
110Ω
RS
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 36. THD + Noise
INSERTION LOSS = 20 log
VOUT WITH SWITCH
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
VS
VS WITHOUT SWITCH
VDD
VSS
0.1µF
VDD
0.1µF
VSS
Figure 37. −3 dB Bandwidth
ACPSRR = 20 log
GND
D1
S1
VOUT
VOUT
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VDD
VSS
VSS
VS
NC
INTERNAL
BIAS
VS
NOTES
1. BOARD AND COMPONENT EFFECTS ARE NOT DE-EMBEDDED
FROM THE ACPSRR MEASUREMENT.
Figure 38. ACPSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com