Electronic Components Datasheet Search
  English  ▼

X  

ADGS1409 Datasheet(PDF) 18 Page - Analog Devices

Part # ADGS1409
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADGS1409 Datasheet HTML 14Page - Analog Devices ADGS1409 Datasheet HTML 15Page - Analog Devices ADGS1409 Datasheet HTML 16Page - Analog Devices ADGS1409 Datasheet HTML 17Page - Analog Devices ADGS1409 Datasheet HTML 18Page - Analog Devices ADGS1409 Datasheet HTML 19Page - Analog Devices ADGS1409 Datasheet HTML 20Page - Analog Devices ADGS1409 Datasheet HTML 21Page - Analog Devices ADGS1409 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
ADGS1408/ADGS1409
Data Sheet
Rev. 0 | Page 18 of 34
0
–4.0
100
1G
100M
FREQUENCY (Hz)
1k
10k
100k
1M
10M
VDD = +15V
VSS = –15V
TA = 25°C
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
–3.5
Figure 27. ADGS1409 Insertion Loss vs. Frequency, ±15 V Dual Supply
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
2
468
9
13
5
7
TIME (µs)
SCLK = 2.5MHz
SCLK IDLE
VDD = +15V
VSS = –15V
TA = 25°C
Figure 28. Digital Feedthrough
0
50
100
150
200
250
2.7
3.0
3.5
4.0
4.5
5.0
5.5
VL (V)
TA = 25°C
ADGS1408 WITH S8 SELECTED
+12V
±15V
±5V
Figure 29. IDD vs. VL
0
50
100
150
200
250
300
350
400
450
1
1020
3040
50
SCLK FREQUENCY (MHz)
VL = 5V
VL = 3V
TA = 25°C
Figure 30. IL vs. SCLK Frequency when
CS is High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com