Electronic Components Datasheet Search
  English  ▼

X  

ADGS1409 Datasheet(PDF) 9 Page - Analog Devices

Part # ADGS1409
Description  SPI Interface, 4 廓 RON, 짹15 V/12 V/짹5 V, 1.8 V Logic Control, 8:1/Dual 4:1 Muxes
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS1409 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADGS1409 Datasheet HTML 5Page - Analog Devices ADGS1409 Datasheet HTML 6Page - Analog Devices ADGS1409 Datasheet HTML 7Page - Analog Devices ADGS1409 Datasheet HTML 8Page - Analog Devices ADGS1409 Datasheet HTML 9Page - Analog Devices ADGS1409 Datasheet HTML 10Page - Analog Devices ADGS1409 Datasheet HTML 11Page - Analog Devices ADGS1409 Datasheet HTML 12Page - Analog Devices ADGS1409 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
ADGS1408/ADGS1409
Rev. 0 | Page 9 of 34
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
CD (On), CS (On)
VS = 6 V, f = 1 MHz
ADGS1408
170
pF typ
ADGS1409
110
pF typ
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.002
μA typ
All switches open
1
μA max
220
μA typ
S8/S4A closed, VL = 5.5 V
380
μA max
270
μA typ
S8/S4A closed, VL = 2.7 V
440
μA max
IL
Inactive
6.3
μA typ
Digital inputs = 0 V or VL
8.0
μA max
Inactive, SCLK = 1 MHz
14
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 5 V
7
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 3 V
SCLK = 50 MHz
390
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 5 V
210
μA typ
CSE = VL and SDI = 0 V or VL,
VL = 3 V
Inactive, SDI = 1 MHz
15
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
7.5
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
SDI = 25 MHz
230
μA typ
CSE and SCLK = 0 V or VL, VL = 5 V
120
μA typ
CSE and SCLK = 0 V or VL, VL = 3 V
Active at 50 MHz
1.8
mA typ
Digital inputs toggle between
0 V and VL, VL = 5.5 V
2.1
mA max
0.7
mA typ
Digital inputs toggle between
0 V and VL, VL = 2.7 V
1.0
mA max
VDD
5
V min
GND = 0 V, VSS = 0 V
20
V max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.
CONTINUOUS CURRENT PER CHANNEL, Sx OR Dx
Table 4. ADGS1408, One Channel On
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx OR D1
VDD = 15 V, VSS = −15 V (θJA = 58.4°C/W)
304.9
133.6
48.9
mA max
VDD = 12 V, VSS = 0 V (θJA = 58.4°C/W)
259.7
122.7
48
mA max
VDD = 5 V, VSS = −5 V (θJA = 58.4°C/W)
247.2
119.3
47.6
mA max
1 Sx refers to the S1 to S8 pins.
Table 5. ADGS1409, Two Channels On
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx OR Dx1
VDD = 15 V, VSS = −15 V (θJA = 58.4°C/W)
229.6
114.3
47.2
mA max
VDD = 12 V, VSS = 0 V (θJA = 58.4°C/W)
194.7
103
45.7
mA max
VDD = 5 V, VSS = −5 V (θJA = 58.4°C/W
185.2
99.6
45.2
mA max
1 Sx refers to the S1A to S4A and S1B to S4B pins, and Dx refers to the DA and DB pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com