Electronic Components Datasheet Search
  English  ▼

X  

ADGS5412 Datasheet(PDF) 7 Page - Analog Devices

Part # ADGS5412
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADGS5412 Datasheet HTML 3Page - Analog Devices ADGS5412 Datasheet HTML 4Page - Analog Devices ADGS5412 Datasheet HTML 5Page - Analog Devices ADGS5412 Datasheet HTML 6Page - Analog Devices ADGS5412 Datasheet HTML 7Page - Analog Devices ADGS5412 Datasheet HTML 8Page - Analog Devices ADGS5412 Datasheet HTML 9Page - Analog Devices ADGS5412 Datasheet HTML 10Page - Analog Devices ADGS5412 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
ADGS5412
Rev. A | Page 7 of 30
12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, VL = 2.7 V to 5.5 V, GND = 0 V, unless otherwise noted.
Table 3.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On-Resistance, RON
19
Ω typ
VS = 0 V to 10 V, IS = −10 mA;
see Figure 29
22
27
31
Ω max
VDD = 10.8 V, VSS = 0 V
On-Resistance Match Between Channels,
∆RON
0.4
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.8
1
1.2
Ω max
On-Resistance Flatness, RFLAT (ON)
4.4
Ω typ
VS = 0 V to 10 V, IS = −10 mA
5.5
6.5
7.5
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V;
see Figure 32
±0.25
±0.75
±6
nA max
Drain Off Leakage, ID (Off)
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V;
see Figure 32
±0.25
±0.75
±6
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V/10 V; see
Figure 28
±0.4
±2
±12
nA max
DIGITAL OUTPUT
Output Voltage
Low, VOL
0.4
V max
ISINK = 5 mA
0.2
V max
ISINK = 1 mA
High Impedance Leakage Current
0.002
µA typ
VOUT = VGND or VL
±0.1
µA max
High Impedance Output Capacitance
4
pF typ
DIGITAL INPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V
Input Current, IINL or IINH
0.001
µA typ
VIN = VGND or VL
±0.1
µA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
545
ns typ
RL = 300 Ω, CL = 35 pF
665
720
775
ns max
VS = 8 V; see Figure 36
tOFF
200
ns typ
RL = 300 Ω, CL = 35 pF
250
275
305
ns max
VS = 8 V; see Figure 36
Break-Before-Make Time Delay, tD
320
ns typ
RL = 300 Ω, CL = 35 pF
235
ns min
VS1 = VS2 = 8 V, see Figure 35
Charge Injection, QINJ
105
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF;
see Figure 37
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF,
f = 100 kHz; see Figure 31
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
Total Harmonic Distortion + Noise,
THD + N
0.08
% typ
RL = 1 kΩ, 6 V p-p, f = 20 Hz
to 20 kHz; see Figure 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com