Electronic Components Datasheet Search
  English  ▼

X  

ADGS5412 Datasheet(PDF) 23 Page - Analog Devices

Part # ADGS5412
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADGS5412 Datasheet HTML 19Page - Analog Devices ADGS5412 Datasheet HTML 20Page - Analog Devices ADGS5412 Datasheet HTML 21Page - Analog Devices ADGS5412 Datasheet HTML 22Page - Analog Devices ADGS5412 Datasheet HTML 23Page - Analog Devices ADGS5412 Datasheet HTML 24Page - Analog Devices ADGS5412 Datasheet HTML 25Page - Analog Devices ADGS5412 Datasheet HTML 26Page - Analog Devices ADGS5412 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
ADGS5412
Rev. A | Page 23 of 30
SCLK Count Error Detection
SCLK count error detection allows the user to detect if an incorrect
number of SCLK cycles are sent by the microcontroller or CPU.
When in address mode, with CRC disabled, 16 SCLK cycles are
expected. If 16 SCLK cycles are not detected, the SCLK count
error flag asserts in the error flags register. When less than
16 SCLK cycles are received by the device, a write to the register
map never occurs. When the ADGS5412 receives more than
16 SCLK cycles, a write to the memory map still occurs at the
16th SCLK rising edge, and the flag asserts in the error flags
register. With CRC enabled, the expected number of SCLK
cycles becomes 24. SCLK count error detection is enabled by
default and can be configured by the user through the error
configuration register.
Invalid Read/Write Address Error
An invalid read/write address error detects when a nonexistent
register address is a target for a read or write. In addition, this
error asserts when a write to a read only register is attempted.
The invalid read/write address error flag asserts in the error
flags register when an invalid read/write address error occurs.
The invalid read/write address error is detected on the ninth
SCLK rising edge, which means a write to the register never
occurs when an invalid address is targeted. Invalid read/write
address error detection is enabled by default and can be
disabled by the user through the error configuration register.
CLEARING THE ERROR FLAGS REGISTER
To clear the error flags register, write the special 16-bit SPI
frame, 0x6CA9, to the device. This SPI command does not
trigger the invalid R/W address error. When CRC is enabled,
the user must also send the correct CRC byte for a successful
error clear command. At the 16th or 24th SCLK rising edge, the
error flags register resets to zero.
BURST MODE
The SPI interface can accept consecutive SPI commands
without the need to deassert the CS line, which is called burst
mode. Burst mode is enabled through the burst enable register.
This mode uses the same 16-bit command to communicate
with the device. In addition, the response of the device at SDO
is still aligned with the corresponding SPI command. Figure 41
shows an example of SDI and SDO during burst mode.
The invalid read/write address and CRC error checking functions
operate similarly during burst mode as they do during address
mode. However, SCLK count error detection operates in a
slightly different manner. The total number of SCLK cycles
within a given CS frame are counted, and if the total is not a
multiple of 16 or a multiple of 24 when CRC is enabled, the
SCLK count error flag asserts.
SDO
COMMAND0[15:0]
RESPONSE0[15:0]
COMMAND1[15:0]
RESPONSE1[15:0]
COMMAND2[15:0]
RESPONSE2[15:0]
COMMAND3[15:0]
RESPONSE3[15:0]
SDI
CS
Figure 41. Burst Mode Frame
SOFTWARE RESET
When in address mode, the user can initiate a software reset. To
do so, write two consecutive SPI commands, namely 0xA3 fol-
lowed by 0x05, targeting Register 0x0B. After a software reset,
all register values are set to default.
DAISY-CHAIN MODE
The connection of several ADGS5412 devices in a daisy-chain
configuration is possible, and Figure 42 shows this setup. All
devices share the same CS and SCLK line, whereas the SDO of a
device forms a connection to the SDI of the next device, creating a
shift register. In daisy-chain mode, SDO is an eight cycle delayed
version of SDI. When in daisy-chain mode, all commands target
the switch data register. Therefore, it is not possible to make
configuration changes while in daisy-chain mode.
S4
SDI
SCLK
CS
RESET/VL
S3
S2
S1
D4
SDO
D3
D2
D1
ADGS5412
DEVICE 1
RESET/VL
S4
S3
S2
S1
D4
SDO
D3
D2
D1
ADGS5412
DEVICE 2
SPI
INTERFACE
SPI
INTERFACE
Figure 42. Two SPI Controlled Switches Connected in a Daisy-Chain Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com