Electronic Components Datasheet Search
  English  ▼

X  

ADGS5412 Datasheet(PDF) 9 Page - Analog Devices

Part # ADGS5412
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADGS5412 Datasheet HTML 5Page - Analog Devices ADGS5412 Datasheet HTML 6Page - Analog Devices ADGS5412 Datasheet HTML 7Page - Analog Devices ADGS5412 Datasheet HTML 8Page - Analog Devices ADGS5412 Datasheet HTML 9Page - Analog Devices ADGS5412 Datasheet HTML 10Page - Analog Devices ADGS5412 Datasheet HTML 11Page - Analog Devices ADGS5412 Datasheet HTML 12Page - Analog Devices ADGS5412 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Data Sheet
ADGS5412
Rev. A | Page 9 of 30
36 V SINGLE SUPPLY
VDD = 36 V ± 10%, VSS = 0 V, VL = 2.7 V to 5.5 V, GND = 0 V, unless otherwise noted.
Table 4.
Parameter
+25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
10.6
Ω typ
VS = 0 V to 30 V, IS = −10 mA; see
Figure 29
12
15
17
Ω max
VDD = 32.4 V, VSS = 0 V
On-Resistance Match Between
Channels, ∆RON
0.35
Ω typ
VS = 0 V to 30 V, IS = −10 mA
0.7
0.9
1.1
Ω max
On-Resistance Flatness, RFLAT(ON)
2.9
Ω typ
VS = 0 V to 30 V, IS = −10 mA
3.4
4
4.7
Ω max
LEAKAGE CURRENTS
VDD = 39.6 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.05
nA typ
VS = 1 V/30 V, VD = 30 V/1 V; see
Figure 32
±0.25
±0.75
±6
nA max
Drain Off Leakage, ID (Off)
±0.05
nA typ
VS = 1 V/30 V, VD = 30 V/1 V; see
Figure 32
±0.25
±0.75
±6
nA max
Channel On Leakage, ID (On), IS (On)
±0.1
nA typ
VS = VD = 1 V/30 V; see Figure 28
±0.4
±2
±12
nA max
DIGITAL OUTPUT
Output Voltage
Low, VOL
0.4
V max
ISINK = 5 mA
0.2
V max
ISINK = 1 mA
High Impedance Leakage Current
0.001
µA typ
VOUT = VGND or VL
±0.1
µA max
High Impedance Output
Capacitance
4
pF typ
DIGITAL INPUTS
Input Voltage
High, VINH
2
V min
3.3 V < VL ≤ 5.5 V
1.35
V min
2.7 V ≤ VL ≤ 3.3 V
Low, VINL
0.8
V max
3.3 V < VL ≤ 5.5 V
0.8
V max
2.7 V ≤ VL ≤ 3.3 V
Input Current, IINL or IINH
0.002
µA typ
VIN = VGND or VL
±0.1
µA max
Digital Input Capacitance, CIN
4
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com