Electronic Components Datasheet Search
  English  ▼

X  

ADGS5412 Datasheet(PDF) 18 Page - Analog Devices

Part # ADGS5412
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADGS5412 Datasheet HTML 14Page - Analog Devices ADGS5412 Datasheet HTML 15Page - Analog Devices ADGS5412 Datasheet HTML 16Page - Analog Devices ADGS5412 Datasheet HTML 17Page - Analog Devices ADGS5412 Datasheet HTML 18Page - Analog Devices ADGS5412 Datasheet HTML 19Page - Analog Devices ADGS5412 Datasheet HTML 20Page - Analog Devices ADGS5412 Datasheet HTML 21Page - Analog Devices ADGS5412 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
ADGS5412
Data Sheet
Rev. A | Page 18 of 30
0
100
200
300
400
500
600
700
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
15VDS, tON
20VDS, tON
12VSS, tON
36VSS, tON
15VDS, tOFF
20VDS, tOFF
12VSS, tOFF
36VSS, tOFF
Figure 24. tON, tOFF Times vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
2.7
3.5
3.0
4.0
4.5
5.0
5.5
VL (V)
12V
15V
20V
36V
TA = 25°C
IDD WITH ONE SWITCH CLOSED
Figure 25. IDD vs. VL
0
50
100
150
200
250
300
350
400
450
1
10
20
30
40
50
SCLK FREQUENCY (MHz)
VL = 5V
VL = 3V
TA = 25°C
Figure 26. IL vs. SCLK Frequency When CS Is High
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
0
2
4
6
8
TIME (µs)
TA = 25°C
VDD = +15V
VSS = –15V
SCLK = 2.5MHz
SCLK IDLE
Figure 27. Digital Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com