Electronic Components Datasheet Search
  English  ▼

X  

ADGS5412 Datasheet(PDF) 19 Page - Analog Devices

Part # ADGS5412
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADGS5412 Datasheet HTML 15Page - Analog Devices ADGS5412 Datasheet HTML 16Page - Analog Devices ADGS5412 Datasheet HTML 17Page - Analog Devices ADGS5412 Datasheet HTML 18Page - Analog Devices ADGS5412 Datasheet HTML 19Page - Analog Devices ADGS5412 Datasheet HTML 20Page - Analog Devices ADGS5412 Datasheet HTML 21Page - Analog Devices ADGS5412 Datasheet HTML 22Page - Analog Devices ADGS5412 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
ADGS5412
Rev. A | Page 19 of 30
TEST CIRCUITS
VD
Sx
Dx
VS
D (ON)
Figure 28. On Leakage
Sx
Dx
S
V1
IDS
RON = V1/IDS
Figure 29. On Resistance
CHANNEL TO CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
D2
D1
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
NIC
Figure 30. Channel to Channel Crosstalk
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
Sx
Dx
50Ω
OFF ISOLATION = 20 log
VOUT
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 31. Off Isolation
Sx
Dx
VS
A
A
VD
IS (OFF)
ID (OFF)
Figure 32. Off Leakage
VDD
VSS
VDD
VSS
VOUT
RS
AUDIO PRECISION
RL
1kΩ
Sx
Dx
VS
V p-p
0.1µF
0.1µF
GND
Figure 33. THD + N
VOUT
50Ω
NETWORK
ANALYZER
RL
50Ω
Sx
Dx
INSERTION LOSS = 20 log
VOUT WITH SWITCH
VOUT WITHOUT SWITCH
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
GND
Figure 34. Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com