Electronic Components Datasheet Search
  English  ▼

X  

ADGS5412 Datasheet(PDF) 1 Page - Analog Devices

Part # ADGS5412
Description  SPI Interface, 4횞 SPST Switches, 9.8 廓 RON, 짹20 V/36 V, Mux Configurable
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5412 Datasheet(HTML) 1 Page - Analog Devices

  ADGS5412 Datasheet HTML 1Page - Analog Devices ADGS5412 Datasheet HTML 2Page - Analog Devices ADGS5412 Datasheet HTML 3Page - Analog Devices ADGS5412 Datasheet HTML 4Page - Analog Devices ADGS5412 Datasheet HTML 5Page - Analog Devices ADGS5412 Datasheet HTML 6Page - Analog Devices ADGS5412 Datasheet HTML 7Page - Analog Devices ADGS5412 Datasheet HTML 8Page - Analog Devices ADGS5412 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
SPI Interface, 4× SPST Switches,
9.8 Ω RON, ±20 V/+36 V, Mux Configurable
Data Sheet
ADGS5412
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
SPI interface with error detection
Includes CRC, invalid read/write address, and SCLK count
error detection
Supports burst mode and daisy-chain mode
Industry standard SPI Mode 0 and Mode 3 interface
compatible
Guaranteed break-before-make switching allowing external
wiring of switches to deliver multiplexer configurations
VSS to VDD analog signal range
Fully specified at ±15 V, ±20 V, +12 V, and +36 V
±9 V to ±22 V dual-supply operation
9 V to 40 V single-supply operation
Latch-up proof analog switch pins
8 kV HBM ESD rating
Low on resistance (<10 Ω)
1.8 V logic compatibility with 2.7 V ≤ VL ≤ 3.3 V
APPLICATIONS
Relay replacement
Automatic test equipment
Data acquisition
Instrumentation
Avionics
Audio and video switching
Communication systems
FUNCTIONAL BLOCK DIAGRAM
SDO
D4
S4
D3
S3
D2
S2
D1
S1
SPI
INTERFACE
SCLK
SDI
CS
RESET/VL
ADGS5412
Figure 1.
GENERAL DESCRIPTION
The ADGS5412 contains four independent single-pole/single-
throw (SPST) switches. A serial peripheral interface (SPI) controls
the switches. The SPI interface has robust error detection features,
including cyclic redundancy check (CRC) error detection, invalid
read/write address detection, and serial clock (SCLK) count
error detection.
It is possible to daisy-chain multiple ADGS5412 devices together,
which enables the configuration of multiple devices with a
minimal amount of digital lines. The ADGS5412 can also
operate in burst mode to decrease the time between SPI
commands.
Each switch conducts equally well in both directions when on,
and each switch has an input signal range that extends to the
supplies. In the off condition, signal levels up to the supplies are
blocked.
The on-resistance profile is very flat over the full analog input
range, which ensures good linearity and low distortion when
switching audio signals. The ADGS5412 exhibits break-before-
make switching action, allowing use of the device in multiplexer
applications with external wiring.
PRODUCT HIGHLIGHTS
1.
SPI interface removes the need for parallel conversion and
logic traces and reduces general-purpose input/output
(GPIO) channel count.
2.
Daisy-chain mode removes additional logic traces when
multiple devices are used.
3.
CRC, invalid read/write address, and SCLK count error
detection ensure a robust digital interface.
4.
CRC error detection capabilities allow for the use of the
ADGS5412 in safety critical systems.
5.
Guaranteed break-before-make switching allows the use of
the ADGS5412 in multiplexer configurations with external
wiring.
Trench isolation analog switch section guards against latch-up. A
dielectric trench separates the positive (P) and negative (N) channel
transistors thereby preventing latch-up even under severe
overvoltage conditions.


Similar Part No. - ADGS5412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADGS5414 AD-ADGS5414 Datasheet
442Kb / 30P
SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
10/2017-Revision 0
ADGS5414BCPZ AD-ADGS5414BCPZ Datasheet
442Kb / 30P
SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
10/2017-Revision 0
ADGS5414BCPZ-RL7 AD-ADGS5414BCPZ-RL7 Datasheet
442Kb / 30P
SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
10/2017-Revision 0
More results

Similar Description - ADGS5412

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG451 AD-ADG451_06 Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
ADGS1414D AD-ADGS1414D Datasheet
552Kb / 28P
SPI, 1.5 廓 RON, 짹15 V/짹5 V/12 V, High Density Octal SPST Switch
6/2020-Revision 0
logo
Texas Instruments
TMUX6211 TI-TMUX6211 Datasheet
909Kb / 26P
TMUX621x 36-V, Low-Ron, 1:1 (SPST), 4-Channel Precision Switches with 1.8-V Logic
logo
Analog Devices
ADGS1212 AD-ADGS1212 Datasheet
648Kb / 24P
SPI Interface, Quad SPST Switch, Low QINJ, Low CON, 짹15 V/12 V, Mux Configurable
9/2017-Revision 0
ADGS1612 AD-ADGS1612 Datasheet
380Kb / 29P
SPI Interface, 1 廓 RON, 짹5 V, 12 V, 5 V, 3.3 V, Mux Configurable, Quad SPST Switch
1/2018-Revision 0
ADGS5414 AD-ADGS5414 Datasheet
442Kb / 30P
SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
10/2017-Revision 0
ADG6412 AD-ADG6412 Datasheet
761Kb / 18P
0.5 Ω RON, ±20 V, 36 V, Quad SPST Switch
Rev. 0
logo
Texas Instruments
TMUX6221 TI-TMUX6221 Datasheet
1Mb / 36P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
MARCH 2023
TMUX6221 TI-TMUX6221_V01 Datasheet
1Mb / 35P
TMUX622x 36 V, Low-RON, 1:1 (SPST), 2-Channel Switches with 1.8-V Logic
REVISED SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com