Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 1 Page - Texas Instruments

  CDCE706 Datasheet HTML 1Page - Texas Instruments CDCE706 Datasheet HTML 2Page - Texas Instruments CDCE706 Datasheet HTML 3Page - Texas Instruments CDCE706 Datasheet HTML 4Page - Texas Instruments CDCE706 Datasheet HTML 5Page - Texas Instruments CDCE706 Datasheet HTML 6Page - Texas Instruments CDCE706 Datasheet HTML 7Page - Texas Instruments CDCE706 Datasheet HTML 8Page - Texas Instruments CDCE706 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
TERMINAL ASSIGNMENT
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
S0/A0/CLK_SEL
S1/A1
VCC
GND
CLK_IN0
CLK_IN1
VCC
GND
SDATA
SCLOCK
Y5
Y4
VCCOUT2
GND
Y3
Y2
VCCOUT1
GND
Y1
Y0
PW PACKAGE
(TOP VIEW)
TSSOP 20
Pitch 0,65 mm
6.6 x 6.6
DESCRIPTION
CDCE706
SCAS815A – OCTOBER 2005 – REVISED OCTOBER 2005
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
•
Separate Power Supplies for Outputs (2.3 V to
3.6 V) Supports Mixed Power Supply
•
High Performance 2:6 PLL based Clock
Environments
Synthesizer / Multiplier / Divider
•
3.3-V Device Power Supply
•
User Programmable PLL Frequencies using
EEPROM Technology
•
Industrial Temperature Range –40
°C to 85°C
•
EEPROM Programming Without the Need to
•
Development and Programming Kit for Ease
Apply High Programming Voltage
PLL Design and Programming (TI
Pro-Clock™)
•
Easy In-Circuit Programming via SMBus Data
Interface
•
Packaged in 20-Pin TSSOP
•
Wide PLL Divider Ratio Allows 0-ppm Output
Clock Error
•
Clock Inputs Accept a Crystal or a
Single-Ended LVCMOS or a Differential Input
Signal
•
Accepts Crystal Frequencies from 8 MHz up
to 54 MHz
•
Accepts LVCMOS or Differential Input
Frequencies up to 200 MHz
•
Two Programmable Control Inputs [S0/S1,
A0/A1] for User Defined Control Signals
•
Six LVCMOS Outputs with Output
Frequencies up to 300 MHz
•
LVCMOS Outputs can be Programmed for
Complementary Signals (Pseudo Differential
Outputs)
•
Free Selectable Output Frequency via
Programmable Output Switching Matrix [6x6]
Including 7-Bit Post-Divider for Each Output
•
PLL Loop Filter Components Integrated
•
Low Period Jitter (Typ 60 ps)
•
Features Spread Spectrum Clocking (SSC) for
Lowering System EMI
•
Programmable Output Slew-Rate Control
(SRC) for Lowering System EMI
The CDCE706 is one of the smallest and powerful PLL synthesizer / multiplier / divider available today. Despite
its small physical outlines, the CDCE706 is the most flexible. It has the capability to produce an almost
independent output frequency from a given input frequency.
The input frequency can be derived from a LVCMOS, differential input clock, or a single crystal. The appropriate
input waveform can be selected via the SMBus data interface controller.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Pro-Clock is a trademark of Texas Instruments.
PRODUCT PREVIEW information concerns products in the
Copyright © 2005, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE706 TI-CDCE706 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706 TI2-CDCE706 Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
REVISED NOVEMBER 2008
CDCE706PW TI-CDCE706PW Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE706PW TI2-CDCE706PW Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
REVISED NOVEMBER 2008
CDCE706PW.B TI2-CDCE706PW.B Datasheet
1Mb / 46P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
REVISED NOVEMBER 2008
More results

Similar Description - CDCE706

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC906 TI-CDC906 Datasheet
1Mb / 39P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE706 TI-CDCE706_10 Datasheet
1Mb / 40P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER/MULTIPLIER/DIVIDER
CDCE906 TI-CDCE906_10 Datasheet
1Mb / 42P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
ON Semiconductor
NB3N65027 ONSEMI-NB3N65027 Datasheet
176Kb / 7P
3.3V Programmable 3-PLL Clock Synthesizer
June, 2011 ??Rev. 2
logo
Texas Instruments
CDCE913 TI1-CDCE913_15 Datasheet
1Mb / 35P
Programmable 1-PLL VCXO Clock Synthesizer
CDCEL824 TI1-CDCEL824 Datasheet
1Mb / 33P
Programmable 2-PLL Clock Synthesizer
CDCE913-Q1 TI1-CDCE913-Q1 Datasheet
897Kb / 27P
Programmable 1-PLL VCXO Clock Synthesizer
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com