Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 23 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 19Page - Texas Instruments CDCE706 Datasheet HTML 20Page - Texas Instruments CDCE706 Datasheet HTML 21Page - Texas Instruments CDCE706 Datasheet HTML 22Page - Texas Instruments CDCE706 Datasheet HTML 23Page - Texas Instruments CDCE706 Datasheet HTML 24Page - Texas Instruments CDCE706 Datasheet HTML 25Page - Texas Instruments CDCE706 Datasheet HTML 26Page - Texas Instruments CDCE706 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
www.ti.com
3
4
5
6
7
8
9
10
11
12
30
40
50
60
3% Down Spread
2% Down Spread
fmodulation − kHz
+0.4 Center Spread
+0.25 Center Spread
Further EMI Reduction
11.3dB
7dB
Slew−Rate for Vccout = 2.5 V
11.3dB
11.3dB
7dB
7dB
Slew−Rate for Vccout = 3.3 V
nom−1
nom
nom+2
−3dB
6.4dB
nom−1
nom
nom+2
−2.5dB
5.6dB
CDCE706
SCAS815A – OCTOBER 2005 – REVISED OCTOBER 2005
Figure 15. EMI Reduction vs fModulation and fAmount
The optimum damping is a combination of modulation amount, modulation frequency and the harmonics which
are considered. Note that higher order harmonic frequencies results in stronger EMI reduction because of
respective higher frequency deviation.
As seen in Figure 16 and Figure 17, a slower output slew rate and/or smaller output signal amplitude helps to
reduce EMI emission even more. Both measures reduce the RF energy of clock harmonics. The CDCE706
allows slew rate control in four steps between 0.6 ns and 3.3 ns (Byte 19-24, Bit [5:4]). The output amplitude is
set by the two independent output supply voltage pins, VCCOUT1 and VCCOUT2, and can vary from 2.3 V to 3.6 V.
Even a lower output supply voltage down to 1.8 V works, but the maximum frequency has to be considered.
Figure 16. EMI Reduction vs Slew-Rate and Vccout
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com