Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 28 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 24Page - Texas Instruments CDCE706 Datasheet HTML 25Page - Texas Instruments CDCE706 Datasheet HTML 26Page - Texas Instruments CDCE706 Datasheet HTML 27Page - Texas Instruments CDCE706 Datasheet HTML 28Page - Texas Instruments CDCE706 Datasheet HTML 29Page - Texas Instruments CDCE706 Datasheet HTML 30Page - Texas Instruments CDCE706 Datasheet HTML 31Page - Texas Instruments CDCE706 Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
www.ti.com
−300
−250
−200
−150
−100
−50
0
50
100
150
200
250
300
1
1001
2001
3001
4001
5001
6001
7001
8001
9001
10001
Cycle
Cross Coupling, Spur Suppression and Noise Rejection
CDCE706
SCAS815A – OCTOBER 2005 – REVISED OCTOBER 2005
controlled edge with respect to a t(
Θ) mean in a random sample of cycles. Phase jitter, Time Interval Error (TIE),
or Wander are used in literature to describe long-term variation in frequency. As of ITU-T: G.810, wander is
defined as phase variation at rates less than 10 Hz while jitter is defined as phase variation greater than 10 Hz.
The measurement interval must be long enough to gain a meaningful result. Wander can be caused by
temperature drift, aging, supply voltage drift, etc.
Figure 23. Snapshot of Phase Jitter
Cross-Coupling in ICs occurs through interactions between several parts of the chip such as between output
stages, metal lines, bond wires, substrate, etc. The coupling can be capacitive, inductive and resistive (ohmic)
induced by output switching, leakage current, ground bouncing, power supply transients, etc.
The CDCE706 is designed in BiCMOS process technology incorporating silicon-germanium (SiGe) technology.
This process gives excellent performance in linearity, low power consumption, best-in-class noise performance
and very good isolation characteristic between the on-chip components.
The good isolation was a major criteria to use BiCMOS process as it minimizes the coupling effect. Even if all
three PLLs are active and all outputs are on, the noise suppression is clearly above 50 dB. Figure 24 and
Figure 25 show an example of noise coupling, spur-suppression, and power supply noise rejection of CDCE706.
Die respective measurement conditions are shown in Figure 24 and Figure 25.
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com