Electronic Components Datasheet Search
  English  ▼

X  

CDCE706 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE706
Description  PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE706 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE706 Datasheet HTML 15Page - Texas Instruments CDCE706 Datasheet HTML 16Page - Texas Instruments CDCE706 Datasheet HTML 17Page - Texas Instruments CDCE706 Datasheet HTML 18Page - Texas Instruments CDCE706 Datasheet HTML 19Page - Texas Instruments CDCE706 Datasheet HTML 20Page - Texas Instruments CDCE706 Datasheet HTML 21Page - Texas Instruments CDCE706 Datasheet HTML 22Page - Texas Instruments CDCE706 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ti.com
XO
or
2LVCMOS
or
Differential
Input
CLK_IN0
CLK_IN1
Input source select
(from EEPROM)
C
X0
C
X1
crystal
unit
C
ICB
C
ICB
0
10
20
30
40
50
60
70
80
90
100
5
10
15
20
25
30
35
40
45
50
55
C = 18 pF
Upk = 300 mV
Frequency − MHz
~
21 mW
ERS = 60 W
ERS = 50 W
ERS = 40 W
ERS = 30 W
ERS = 25 W
ERS = 15 W
CDCE706
SCAS815A – OCTOBER 2005 – REVISED OCTOBER 2005
Crystal Oscillator Inputs
The input frequency range in crystal mode is 8 MHz to 54 MHz. The CDCE706 uses a Pierce-type oscillator
circuitry with included feedback resistance for the inverting amplifier. The user, however, has to add external
capacitors ©X0, CX1) to match the input load capacitor from the crystal (see Figure 9). The required values can be
calculated:
CX0 = CX1 = 2 × CL– CICB,
where CL is the crystal load capacitor as specified for the crystal unit and CICB is the input capacitance of the
device including the board capacitance (stray capacitance of PCB).
For example, for a fundamental 27-MHz crystal with CL of 9 pF and CICB of 4 pF,
CX0 = CX1 = (2 × 9 pF) – 4 pF = 14 pF.
It is important to use a short PCB trace from the device to the crystal unit to keep the stray capacitance of the
oscillator loop to a minimum.
Figure 9. Crystal Input Circuitry
In order to ensure a stable oscillating, a certain drive power must be applied. The CDCE706 features an input
oscillator with adaptive gain control which relieves the user to manually program the gain. The drive level is the
amount of power dissipated by the oscillating crystal unit and is usually specified in terms of power dissipated by
the resonator (equivalent series resistance (ESR)). Figure 10 gives the resulting drive level vs crystal frequency
and ESR.
Figure 10. Crystal Drive Power
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com