Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 118 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 118 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 114Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 115Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 116Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 117Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 118Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 119Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 120Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 121Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 122Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
DCHGWIN[2:0]
Configuration for emergency cell-discharge mode (EMGCYDCHG = 1). Sets the duty-
cycle for each discharge cycle (even or odd) per the table below:
D14
DCHGWIN[2:0] (LSb = 7.5s)
BEHAVIOR
D13
0h
Switches on for 7.5s, off for 52.5s
1h
Switches on for 15s, off for 45s
…
…
7h
Switches on for 59.94s, off for 62.5ms
D12
0
Reserved
Always reads logic-zero.
D11
0
DCHGCNTR[3:0]
Discharge counter, which can be read to verify operation of the emergency cell-discharge
mode (EMGCYDCHG = 1). During the cell-discharge mode, the discharge counter counts
at 2Hz rolling over at Fh to 0h and continuing until the cell-discharge mode terminates.
Read-only.
D10
D9
D8
D7
0
DCHGTIME[7:0]
Write to set the timeout value of the emergency cell-discharge mode (EMGCYDCHG = 1)
per the table below. Writing to 00h disables the timer and terminates the emergency cell-
discharge mode. The timer starts when EMGCYDCHG = 1 (and DCHGTIME[7:0] ≠ 00h)
and stops when it reaches the timeout. The timer is reset when EMGCYDCHG = 0.
D6
D5
D4
D3
DCHGTIME[7:0] (LSb = 2 HOURS)
TIMEOUT
D2
00h
Discharge mode disabled
D1
01h
Discharge mode disabled after 4 hours
D0
02h
Discharge mode disabled after 6 hours
…
…
FFh
Discharge mode disabled after 512 hours
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
Ch
TOPCELL[3:0]
Configures the top cell position if less than 12 channels are used. This is to properly
mask the ALRTBALSW diagnostic alerts. TOPCELL[3:0] = 0h is not a valid configuration.
TOPCELL[3:0]= Dh, Eh, or Fh is identical to Ch (12d).
D2
D1
D0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 118
BALSWDCHG Register (address 0x1D)
TOPCELL Register (address 0x1E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com