Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 114 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 114 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 110Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 111Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 112Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 113Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 114Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 115Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 116Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 117Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 118Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
0
CBPDIV[2:0]
Sets the step size of the cell-balancing timer LSB per table below:
D13
CBPDIV[2:0]
STEP SIZE
TIMEOUT RANGE
D12
000
Disabled
No timeout
001
1s
1–15s
010
4s
4–60s
011
16s
16–240s
100
64s
64–960s
101
128s
128–1920s
110
256s
256–3840s
111
256s
256–3840s
D11
0
CBTIMER[3:0]
Watchdog timer for the cell-balancing switches. The timer counts down at a rate set by
CBPDIVn. When the timer reaches ‘0’, all cell-balancing switches are disabled by a signal
separate from the BALCFGn enable bits. The timer should be periodically rewritten with a
timeout value to keep the cell-balancing switches enabled. When the timer value is read,
the value reported is latched during the stop bit time following the ACQCFG UART register
address of the READALL command. If the GPIO3TMR configuration is enabled, the GPIO3
pin is driven high, while CBTIMER[3:0] is nonzero and is driven low when the timer value is
zero. The cell-balancing timer is reset to zero when EMGCYDCHG = 1.
D10
D9
D8
D7
0
Reserved
Always reads logic-zero.
D6
D5
D4
D3
D2
D1
D0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 114
WATCHDOG Register (address 0x18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com