Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 111 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 111 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 107Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 108Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 109Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 110Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 111Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 112Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 113Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 114Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 115Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
SCANDONE
Indicates the acquisition has completed. Cleared only by writing it to logic-zero to detect
completion of the next acquisition. Writing to logic 1 has no effect. A new acquisition will not
commence if this bit is set.
D14
0
SCANTIMEOUT
Indicates the acquisition did not complete in the expected period of time. The timeout
depends on the oversampling configuration. Cleared only by writing it to logic-zero to allow
detection of future timeout events. The watchdog can be disabled by setting SCANTODIS
in the DEVCFG register.
D13
0
DATARDY
Indicates the measurement data from the acquisition has been transferred from the ALU to
the data registers and can now be read. Data for all measurement registers and MIN/MAX/
TOTAL is transferred at the same time. Cleared by writing it to logic-zero to allow detection
of the next data transfer. Writing to logic-one has no effect.
D12
0
DELAYSEL
The delay after the start of the scan before the measurement is enabled only if
the AUTOBALSWDIS bit is set to 1. Sets the delay based on the setting in the
AUTOBALSWDIS Delay register (0x0C). The default bit setting is 0 which selects the delay
associated with cell recovery time in register 0x0C. Setting this bit to 1 selects the delay
setting of “Diagnostic Recovery time.” See AUTOBALSWDIS Delay Register (address
0x0C) table for details on delay timings.
D11
0
AUTOBALSWDIS
Automatic disable of balancing switches during measurements. The delay for cell recovery
settling time and for the diagnostic recovery is set based on the AUTOBALSWDIS Delay
register (0x0C). Set this bit to zero for normal balancing switch operation.
D10
0
BALSWDIAG[2:0]
Configures the cell-balancing switch diagnostic modes per table below. When selected,
these modes effectively override the BALSWEN, MEASUREEN, ALTMUXSEL, and
POLARITY configurations during the acquisition mode and update the ALRTBALSW
register per the BALHIGHTHR and BALLOWTHR thresholds. See the Diagnostics section
for details.
D9
BALSWDIAG[2:0]
DIAGNOSTIC TEST
D8
000
None
001
Balancing switch short
010
Balancing switch open
011
None
100
None
101
Cell sense open odds
110
Cell sense open evens
111
None
D7
0
RDFILT
This bit chooses where the ADC scan data is read from. Writing this bit to ‘1’ enables the
read to occur from filtered CELLn registers. The default value is ‘0’ wherein the read of the
scanned data occurs from unfiltered ALU registers.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 111
SCANCTRL Register (address 0x13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com