Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 108 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 108 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 104Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 105Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 106Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 107Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 108Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 109Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 110Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 111Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 112Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
POLARITY
Enables bipolar mode for ADC (input range is -2.5V to 2.5V). Default is unipolar mode
(input range is 0V to 5V). The ADC logic latches the value of this bit at the start of the
measurement cycle. The DIAG measurement timeslot is controlled by the internal logic.
Changing the value of this bit takes effect at the next measurement cycle start.
D14
0
ADCSELECT
Configures which ADC is selected for measurements. Default is the ADC1 which is the
primary ADC. The ADC logic latches the value of this bit at the start of the measurement cycle.
Changing the value of this bit takes effect at the next measurement cycle start.
ADCSELECT
SELECTED ADC
0
1 (Primary)
1
2 (Secondary)
D13
010
FC[2:0]
IIR filter coefficient bits. User-selectable filter coefficients. The default value is 010 that has
a weight of 3/8. Setting these bits to 111 would turn the filter off. The ADC scan data is then
transferred from ALU to CELLn registers as is.
D12
FILTER COEFFICIENT[2:0]
WEIGHT OF THE COEFFICIENT
000
1/8
001
2/8
010
3/8, Default value
011
1/2
D11
100
5/8
101
.6/8
110
7/8
111
1, Filter Off
D10
0
EMGCYDCHG
Set to enable emergency cell-discharge mode (configured by BALSWDCHG).
D9
0
HVCPDIS
Disables the HV charge pump. Used for ALRTHVUV diagnostic. If the HV charge pump is
disabled in normal operation, measurement errors will result due to VHV undervoltage.
D8
0
Reserved
Reserved for future use.
D7
0
FORCEPOR
Enables hard POR by pulling down SHDNL internally. If cleared before the POR occurs, it
disables the active pulldown on SHDNL.
D6
0
ALIVECNTEN
Enables inclusion of alive-counter byte at end of all write and read packets.
D5
0
ADCTSTEN
Enables the ALU test mode. This mode feeds 12-bit data from the ADCTEST registers
directly into the ALU, instead of from the ADC conversion.
D4
0
SCANTODIS
Disables the acquisition watchdog but does not clear the SCANTIMEOUT flag in the
SCANCTRL register if it is set.
D3
0
BALSWDISABLE
Disables all the balancing switches conducting between SWn and Swn-1. This allows
disabling all the balancing switches without actually clearing the BALSWEN register.
D2
0
NOPEC
Disables packet-error checking (PEC).
D1
1
ADDRUNLOCK
Disables write-protection of device address DA[4:0]. Cleared only by HELLOALL command
(write protected).
D0
0
SPOR
Enables soft POR. Writing to a logic-zero has no effect. Always reads logic-zero.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 108
DEVCFG1 Register (address 0x10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com