Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 110 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 110 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 106Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 107Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 108Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 109Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 110Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 111Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 112Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 113Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 114Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
BLKCONNECT
Connects the voltage-divider to the VBLKP pin. Must be enabled prior to the VBLOCK
measurement. The ADC logic latches the value of this bit at the start of the measurement cycle.
Changing the value of this bit takes effect at the next measurement cycle start.
D14
0
BLOCKEN
Enables measurement of the VBLKP input in the acquisition mode. The ADC logic latches
the value of this bit at the start of the measurement cycle. Changing the value of this bit
takes effect at the next measurement cycle start.
D13
0
AIN2EN
Enables measurement of the AUXIN2 input in the acquisition mode. The ADC logic latches
the value of this bit at the start of the measurement cycle. Changing the value of this bit
takes effect at the next measurement cycle start.
D12
0
AIN1EN
Enables measurement of the AUXIN1 input in the acquisition mode. The ADC logic latches
the value of this bit at the start of the measurement cycle. Changing the value of this bit
takes effect at the next measurement cycle start.
D11
0
CELLEN[12:1]
Enables measurement of the respective cell in the acquisition mode. Disabled channels
result in a measurement value of 0000h. The ADC logic latches the value of this bit at
the start of the measurement cycle. Changing the value of this bit takes effect at the next
measurement cycle start.
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 110
MEASUREEN Register (address 0x12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com