Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 127 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 127 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 123Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 124Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 125Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 126Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 127Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 128Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 129Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 130Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 131Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 127 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
CTSTDAC[3:0]
Configures the current level for all enabled test sources per the table below (either 6.25µA
or 3.125µA per bit.
D14
D13
CTSTDAC{3:0]
TEST SOURCE CURRENT
Cx, AUXINn
Cx, AUXINn
D12
0h
6.25µA
3.125µA
1h
12.5µA
6.25µA
2h
18.75µA
9.375µA
…
….
….
Dh
87.5µA
43.75µA
Eh
93.75µA
46.875µA
Fh
100µA
50µA
D11
0
CTSTSRC
Configures the cell input test-current sources to either source current from VAA (logic-one),
or sink current to AGND (logic-zero). For C0, configures the cell input test current to source
from VAA only.
D10
0
Reserved
Reserved for future use.
D9
0
AUXINTSTEN[2:1]
Enables the test current sources connected to the corresponding AUXINn input for
diagnostic testing. The current level is configured by the CTSTDAC[3:0] and the current
direction is configured by CTSTSRC.
D8
0
D7
0
MUXDIAGBUS
Selects the HVMUX output to which the HVMUX test current source is connected, if
MUXDIAGPAIR is enabled, as shown below:
MUXDIAGBUS
HVMUX OUTPUT
0
Output used for even cells, C0, and AGND.
1
Output used for odd cells, REF, and ALTREF.
D6
0
MUXDIAGPAIR
Configures a single HVMUX test-current source to be connected to only one HVMUX
output (as selected by MUXDIAGBUS). In the default configuration (MUXDIAGPAIR = 0),
both HVMUX test-current sources are connected to both HVMUX outputs.
D5
0
Reserved
Always reads logic-zero.
D4
0
MUXDIAGEN
Enables the HVMUX test-current source(s). The current level is configured by
CSTDAC[3:0] and the connectivity is configured by MUXDIAGPAIR and MUXDIAGBUS.
The ADC logic latches the value of this bit at the start of the measurement cycle. Changing the
value of this bit takes effect at the next measurement-cycle start.
D3
0
ALTMUXSEL
Enables cell measurements on the SWn inputs (ALTMUX data path) instead of the Cn
inputs (HVMUX data path). See the Diagnostics section.
D2
0
DIAGSEL[2:0]
Selects the diagnostic measurement for the acquisition per table below:
D1
DIAGSEL[2:0]
DIAGNOSTIC MEASUREMENT
0b000
No measurement
D0
0b001
VALTREF (with ADC reference = REF)
0b010
VAA (with ADC reference = REF)
0b011
LSAMP offset
0b100
Zero-scale ADC output (000h)
0b101
Full-scale ADC output (FFFh)
0b110
Die temperature
0b111
No measurement
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 127
DIAGCFG Register (address 0x51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com