Electronic Components Datasheet Search
  English  ▼

X  

MAX17843ACB Datasheet(PDF) 130 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 130 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 123Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 124Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 125Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 126Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 127Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 128Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 129Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 130Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 131Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 130 / 131 page
background image
/V denotes an automotive qualified part.
+ Denotes a lead(Pb)-free/RoHS-compliant package.
*Future product―contact factory for availability.
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
D11
0
ADCTEST2B[11:0]
User-specified test data for the ALU diagnostic (ADCTEST = 1). This 12-bit data is fed into
the ALU during the second conversion of even-numbered samples in oversampling mode.
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
64 LQFP
C64+13
21-0083
90-0141
PART
TEMP RANGE PIN-PACKAGE
MAX17843ACB+*
-40° to +125°C 64 LQFP
MAX17843ACB/V+
-40° to +125°C 64 LQFP
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 130
ADCTEST2B Register (address 0x5A)
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com