Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
Referring to the bode plot in Figure 9-2, the phase margin, indicated as φM, is the difference between the loop
phase and –180° at crossover. A target of 50° to 70° for this parameter is considered ideal. Additional phase
boost is dialed in by locating the compensator zeros at a frequency lower than the LC double pole. This helps
mitigate the phase dip associated with the LC filter, particularly at light loads when the Q-factor is higher and
the phase dip becomes especially prominent. The ramification of low phase in the frequency domain is an
under-damped transient response in the time domain.
The power supply designer now has all the necessary expressions to optimally position the loop crossover
frequency while maintaining adequate phase margin over the required line, load and temperature operating
ranges. The LM5145-Q1 Quickstart Calculator is available to expedite these calculations and to adjust the bode
plot as needed.
9.1.4 EMI Filter Design
Switching regulators exhibit negative input impedance, which is lowest at the minimum input voltage. An
underdamped LC filter exhibits a high output impedance at the resonant frequency of the filter. For stability,
the filter output impedance must be less than the absolute value of the converter input impedance.
2
IN(min)
IN
IN
V
Z
P
(17)
The EMI filter design steps are as follows:
• Calculate the required attenuation of the EMI filter at the switching frequency, where CIN represents the
existing capacitance at the input of the switching converter.
• Input filter inductor LIN is usually selected between 1 μH and 10 μH, but it can be lower to reduce losses in a
high current design.
• Calculate input filter capacitor CF.
VIN
GND
LIN
CIN
CF
CD
RD
VOUT
LF
COUT
Q1
Q2
GND
Figure 9-4. Buck Regulator With π-Stage EMI Filter
By calculating the first harmonic current from the Fourier series of the input current waveform and multiplying it
by the input impedance (the impedance is defined by the existing input capacitor CIN), a formula is derived to
obtain the required attenuation as shown by Equation 18.
S
S
§
·
¨
¸
˜
˜
˜
¨
¸
˜
˜
©
¹
L(PEAK)
MAX
MAX
2
SW
IN
I
1
Attn
20log
sin
D
V
1 9
F
C
(18)
where
• VMAX is the noise specification in dBμV from the applicable EMI standard, for example CISPR 25 Class 5
• CIN is the existing input capacitance of the buck regulator
www.ti.com
LM5145-Q1
SNVSBU9 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LM5145-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com