Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
voltage is below the VCC setpoint level, the VCC output tracks VIN with a small voltage drop. Connect a ceramic
decoupling capacitor between 1 µF and 5 µF from VCC to AGND for stability.
The VCC regulator output has a current limit of 40 mA (minimum). At power up, the regulator sources current
into the capacitor connected to the VCC pin. When the VCC voltage exceeds its rising UVLO threshold of 4.93
V, the output is enabled (if EN/UVLO is above 1.2 V), and the soft-start sequence begins. The output remains
active until the VCC voltage falls below its falling UVLO threshold of 4.67 V (typical) or if EN/UVLO goes to a
standby or shutdown state.
Internal power dissipation of the VCC regulator can be minimized by connecting the output voltage or an
auxiliary bias supply rail (up to 13 V) to VCC using a diode DVCC as shown in Figure 8-2. A diode in series with
the input prevents reverse current flow from VCC to VIN if the input voltage falls below the external VCC rail.
20
VCC
LM5145-Q1
14
VIN
VCC-EXT
Required if VIN < VCC(EXT)
6
CVIN
0.1 F
DVIN
VIN
CVCC
2.2 F
DVCC
8 V to 13 V
AGND
5.5 V to 75 V
Figure 8-2. VCC Bias Supply Connection From VOUT or Auxiliary Supply
Note that a finite bias supply regulator dropout voltage exists and is manifested to a larger extent when driving
high gate charge (QG) power MOSFETs at elevated switching frequencies. For example, at VVIN = 6 V, the VCC
voltage is 5.8 V with a DC operating current, IVCC, of 20 mA. Such a low gate drive voltage can be insufficient
to fully enhance the power MOSFETs. At the very least, MOSFET on-state resistance, RDS(ON), can increase at
such low gate drive voltage.
Here are the main considerations when operating at input voltages below 7.5 V:
• Increased MOSFET RDS(on) at lower VGS, leading to Increased conduction losses and reduced OCP setpoint
• Increased switching losses given the slower switching times when operating at lower gate voltages
• Restricted range of suitable power MOSFETs to choose from (MOSFETs with RDS(on) rated at VGS = 4.5 V
become mandatory)
8.3.4 Precision Enable (EN/UVLO)
The EN/UVLO input supports adjustable input undervoltage lockout (UVLO) with hysteresis programmed by
the resistor values for application specific power-up and power-down requirements. EN/UVLO connects to a
comparator-based input referenced to a 1.2-V bandgap voltage. An external logic signal can be used to drive the
EN/UVLO input to toggle the output ON and OFF and for system sequencing or protection. The simplest way
to enable the operation of the LM5145-Q1 is to connect EN/UVLO directly to VIN. This allows self start-up of
the LM5145-Q1 when VCC is within its valid operating range. However, many applications benefit from using a
resistor divider RUV1 and RUV2 as shown in Figure 8-3 to establish a precision UVLO level.
Use Equation 1 and Equation 2 to calculate the UVLO resistors given the required input turn-on and turn-off
voltages.
IN(on)
IN(off)
UV1
HYS
V
V
R
I
(1)
EN
UV2
UV1
IN(on)
EN
V
R
R
V
V
˜
(2)
LM5145-Q1
SNVSBU9 – JUNE 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5145-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com