Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
In addition to valley current limiting, the LM5145-Q1 uses a proprietary duty-cycle limiter circuit to reduce the
PWM on-time during an overcurrent condition. As shown in Figure 8-10, an auxiliary PWM comparator along
with a modulated CLAMP voltage limits how quickly the on-time increases in response to a large step in the
COMP voltage that typically occurs with a voltage-mode control loop architecture.
As depicted in Figure 8-11, the CLAMP voltage, VCLAMP, is normally regulated above the COMP voltage to
provide adequate headroom during a response to a load-on transient. If the COMP voltage rises quickly during
an overloaded or shorted output condition, the on-time pulse terminates, thereby limiting the on-time and peak
inductor current. Moreover, the CLAMP voltage is reduced if additional valley current limit events occur, further
reducing the average output current. If the overcurrent condition exists for 128 continuous clock cycles, a hiccup
event is triggered and SS is pulled low for 8192 clock cycles before a soft-start sequence is initiated.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The EN/UVLO pin provides ON / OFF control for the LM5145-Q1. When the EN/UVLO voltage is below 0.37 V
(typical), the device is in shutdown mode. Both the internal bias supply LDO and the switching regulator are off.
The quiescent current in shutdown mode drops to 13.5 μA (typical) at VIN = 48 V. The LM5145-Q1 also includes
undervoltage protection of the internal bias LDO. If the internal bias supply voltage is below its UVLO threshold
level, the switching regulator remains off.
8.4.2 Standby Mode
The internal bias supply LDO has a lower enable threshold than the switching regulator. When the EN/UVLO
voltage exceeds 0.42 V (typical) and is below the precision enable threshold (1.2 V typically), the internal LDO is
on and regulating. Switching action and output voltage regulation are disabled in standby mode.
8.4.3 Active Mode
The LM5145-Q1 is in active mode when the VCC voltage is above its rising UVLO threshold of 5 V and the
EN/UVLO voltage is above the precision EN threshold of 1.2 V. The simplest way to enable the LM5145-Q1 is
to tie EN/UVLO to VIN. This allows self start-up of the LM5145-Q1 when the input voltage exceeds the VCC
threshold plus the LDO dropout voltage from VIN to VCC.
8.4.4 Diode Emulation Mode
The LM5145-Q1 provides a diode emulation feature that can be enabled to prevent reverse (drain-to-source)
current flow in the low-side MOSFET. When configured for diode emulation, the low-side MOSFET is switched
off when reverse current flow is detected by sensing of the SW voltage using a zero-cross comparator. The
benefit of this configuration is lower power loss at no-load and light-load conditions, the disadvantage being
slower light-load transient response.
The diode emulation feature is configured with the SYNCIN pin. To enable diode emulation and thus achieve
discontinuous conduction mode (DCM) operation at light loads, connect the SYNCIN pin to AGND or leave
SYNCIN floating. If forced PWM (FPWM) continuous conduction mode (CCM) operation is desired, tie SYNCIN
to VCC either directly or using a pullup resistor. Note that diode emulation mode is automatically engaged to
prevent reverse current flow during a prebias start-up. A gradual change from DCM to CCM operation provides
monotonic start-up performance.
8.4.5 Thermal Shutdown
The LM5145-Q1 includes an internal junction temperature monitor. If the temperature exceeds 175°C (typical),
thermal shutdown occurs. When entering thermal shutdown, the device:
1. Turns off the high-side and low-side MOSFETs.
2. Pulls SS/TRK and PGOOD low.
3. Turns off the VCC regulator.
4. Initiates a soft-start sequence when the die temperature decreases by the thermal shutdown hysteresis of
20°C (typical).
This is a non-latching protection, and the device will cycle into and out of thermal shutdown if the fault persists.
www.ti.com
LM5145-Q1
SNVSBU9 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM5145-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com