Electronic Components Datasheet Search
  English  ▼

X  

LM5145 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5145
Description  LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5145 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments LM5145 Datasheet HTML 22Page - Texas Instruments LM5145 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 62 page
background image
VIN
1.2 V
Enable
comparator
RUV1
RUV2
LM5145-Q1
1
EN/UVLO
Remote
shutdown
10 A
vcc
Figure 8-3. Programmable Input Voltage UVLO Turn-on and Turn-off
The LM5145-Q1 enters a low IQ shutdown mode when EN/UVLO is pulled below approximately 0.4 V. The
internal LDO regulator powers off and the internal bias supply rail collapses, shutting down the bias currents of
the LM5145-Q1. The LM5145-Q1 operates in standby mode when the EN/UVLO voltage is between the hard
shutdown and precision enable (standby) thresholds.
8.3.5 Power Good Monitor (PGOOD)
The LM5145-Q1 provides a PGOOD flag pin to indicate when the output voltage is within a regulation window.
Use the PGOOD signal as shown in Figure 8-4 for start-up sequencing of downstream converters, fault
protection, and output monitoring. PGOOD is an open-drain output that requires a pullup resistor to a DC supply
not greater than 13 V. The typical range of pullup resistance is 10 kΩ to 100 kΩ. If necessary, use a resistor
divider to decrease the voltage from a higher voltage pullup rail.
5
FB
LM5145-Q1
1 EN/UVLO
RUV1
499 k
VOUT(MASTER) = 5 V
RFB1
RFB2
20 k
3.83 k
0.8 V
5
FB
LM5145-Q1
1
RPG
20 k
RFB3
RFB4
20 k
6.34 k
0.8 V
VOUT(SLAVE) = 3.3 V
VIN(on) = 15 V
VIN(off) = 10 V
Regulator #1
Start-up based on
input voltage UVLO
Regulator #2
Sequential start-up
based on PGOOD
PGOOD 10
PGOOD 10
RUV2
43.2 k
EN/UVLO
Figure 8-4. Master-Slave Sequencing Implementation Using PGOOD and EN/UVLO
When the FB voltage exceeds 94% of the internal reference VREF, the internal PGOOD switch turns off and
PGOOD can be pulled high by the external pullup. If the FB voltage falls below 92% of VREF, the internal
PGOOD switch turns on, and PGOOD is pulled low to indicate that the output voltage is out of regulation.
Similarly, when the FB voltage exceeds 108% of VREF, the internal PGOOD switch turns on, pulling PGOOD low.
If the FB voltage subsequently falls below 105% of VREF, the PGOOD switch is turned off and PGOOD is pulled
high. PGOOD has a built-in deglitch delay of 25 µs.
8.3.6 Switching Frequency (RT, SYNCIN)
There are two options for setting the switching frequency, FSW, of the LM5145-Q1, thus providing a power supply
designer with a level of flexibility when choosing external components for various applications. To adjust the
www.ti.com
LM5145-Q1
SNVSBU9 – JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM5145-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com