Electronic Components Datasheet Search
  English  ▼

X  

ADRF6658 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6658
Description  Wideband, Dual Rx Mixers with Integrated IF Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6658 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6658 Datasheet HTML 1Page - Analog Devices ADRF6658 Datasheet HTML 2Page - Analog Devices ADRF6658 Datasheet HTML 3Page - Analog Devices ADRF6658 Datasheet HTML 4Page - Analog Devices ADRF6658 Datasheet HTML 5Page - Analog Devices ADRF6658 Datasheet HTML 6Page - Analog Devices ADRF6658 Datasheet HTML 7Page - Analog Devices ADRF6658 Datasheet HTML 8Page - Analog Devices ADRF6658 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
ADRF6658
Data Sheet
Rev. A | Page 4 of 31
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input High Voltage, VINH
1.17
3.6
V
Input Low Voltage, VINL
−0.5
+0.63
V
Input Current, IINH/IINL
±1
µA
Input Capacitance, CIN
2
pF
LOGIC OUTPUTS
SDO (Pin 32)
Output High Voltage, VOH
VLOGIC − 0.4
V
VLOGIC selected with Register 5, Bit DB24
Output High Current, IOH
500
µA
Output Low Voltage, VOL
0.4
V
IOL = 500 µA
POWER SUPPLIES
DVDD
3.15
3.3
3.45
V
MIXAVDD, MIXBVDD, DGAAVDD,
DGABVDD, and LOVDD
DVDD
The voltages on these pins must equal DVDD
External IFXOUT± Pull-Up Supply
DVDD
V
Mixer Current in High Linearity
Mode
80
mA
Mixer V to I bias (Register 13, Bits[DB24:DB22]) = 4
Mixer Current in Low Power Mode
40
mA
Mixer V to I bias (Register 13, Bits[DB24:DB22]) = 1
IF DGA Current
140
mA
Per amplifier
Total Current
Dual Rx enabled
High Linearity Mode
440
550
mA
Mixer V to I bias (Register 13, Bits[DB24:DB22]) = 4
Low Power Mode
260
mA
Mixer V to I bias (Register 13, Bits[DB24:DB22]) = 1
Low Power Sleep Mode
450
1000
µA
Standby Mode
65
mA
Both mixers and DGAs in standby mode
TIMING2
Channel Power-Up from Standby
Mode After Changing State of
CHAEN or CHBEN
100
400
ns
From standby mode to normal operation
1
DC-coupled; lower cutoff frequency determined mostly by external components.
2
Not tested in production; guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com